Electronic Components Datasheet Search
  English  ▼

X  

RT240PD Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RT240PD
Description  Preliminary 10W Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT240PD Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RT240PD Datasheet HTML 2Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 3Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 4Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 5Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 6Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 7Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 8Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 9Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y 1
10
0W
W
R
RT
T2
24
40
0P
PD
D
P
Po
ow
we
er
r T
Tr
ra
an
nssiisstto
or
r
All specifications may change without notice.
www.rfhic.com
Dimension in mm
H
(LID)
G
(FLANGE)
L
(LID)
K
2-E
A
(FLANGE)
F
I
1
3
2
Size(mm)
Size(mm)
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
20.3
20.4
20.5
G
1.45
1.5
1.55
B
8.3
8.4
8.5
H
9.7
9.8
9.9
C
3.8
3.9
4.0
I
0.3
0.35
0.4
D
14.3
14.4
14.5
J
1.55
1.6
1.65
E
Ø
1.48
Ø
1.5
Ø
1.52
K
7.9
8.0
8.1
F
15.1
15.2
15.3
L
8.3
8.4
8.5
Pin Map
Pin 1
Pin2
Pin3
Gate
Drain
Source



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com