Electronic Components Datasheet Search
  English  ▼

X  

RT240PD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RT240PD
Description  Preliminary 10W Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT240PD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RT240PD Datasheet HTML 2Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 3Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 4Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 5Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 6Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 7Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 8Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 9Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y 1
10
0W
W
R
RT
T2
24
40
0P
PD
D
P
Po
ow
we
er
r T
Tr
ra
an
nssiisstto
or
r
All specifications may change without notice.
www.rfhic.com
Application Circuit ( 2.14GHz )
Schematic
RT240PD
C2
RF IN
RF OUT
C1
C10 C9 C8 C7 C6
C11
C12 C13 C14
C16
C15
R1
C5
C4
C3
C17
Z1
Z2
Z3
Z4
Z5
Z6
Z7
Z9
Z10
-
+
+
-
Z8
Bill of Material
Text
Value
Size(mm)
Text
Value
Size(mm)
C1
5pF
C9,C15
100nF
1608
*C2
2pF
***C4
2pF
**C3
1pF
C5
10pF
2012
C6,C12
10pF
C10,C16
1uF
3216
C7,C13
100pF
C11,C17
22uF/+50V
C8,C14
1nF
1608
R1
100Ω
1608
Z1
1.4ⅹ4.9
Z6
0.7ⅹ18.5
Z2
1.4ⅹ1.8
Z7
4.5ⅹ6.1
Z3
1.4ⅹ11.1
Z8
1.4ⅹ2.2
Z4
9.0ⅹ8.1
Z9
1.4ⅹ13.2
Z5
WⅹL
0.5ⅹ18.5
Z10
WⅹL
1.4ⅹ3.7
PCB
FR-4, 0.8mm, , er=4.7
* S11 & Gain Tuning Point
** S11 Tuning Point
*** S22, Gain & OIP3, P1dB Tuning Point
Typical Specifications
Frequency
2110 ~ 2170MHz
Gain(S21)
13.5dB
Return loss(S11)
-13dB
Return loss(S22)
-17dB
OIP3(@27dBm/tone)
51dBm
*WCDMA(1FA)
31dBm
*WCDMA(2FA)
28dBm
*WCDMA(4FA)
26dBm
P1dB
41dBm
Test Conditions
Vds=+28V, Idq=600mA, TC=25℃
* Test Model 1ch/64DPCH
(±5MHz offset@-45dBc, ±10MHz offset@-50dBc ACLR)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com