Electronic Components Datasheet Search
  English  ▼

X  

RT240PD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT240PD
Description  Preliminary 10W Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT240PD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT240PD Datasheet HTML 1Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 2Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 3Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 4Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 5Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 6Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 7Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 8Page - List of Unclassifed Manufacturers RT240PD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
P
Pr
re
elliim
miin
na
ar
ry
y 1
10
0W
W
R
RT
T2
24
40
0P
PD
D
P
Po
ow
we
er
r T
Tr
ra
an
nssiisstto
or
r
All specifications may change without notice.
www.rfhic.com
Product Features
Application
• High Output Power
P1dB = 40dBm(Typ.)@2.14GHz
• High Efficiency
• High Power Gain
G1dB = 17dB(Typ.)@900MHz
G1dB = 13dB(Typ.)@2.14GHz
• High Linearity
• Hermetically sealed package
• GaN HFET
• Repeater
• RF Sub-Systems
• Base Station
• Converter
• IMT-2000
• ISM
• MMDS
• Wi-Fi, Wi-max
Description
The RT240PD is designed for base stations and cell extenders as cellular
and GSM, PCS, IMT-2000, ISM, MMDS, Wi-Fi, Wi-MAX frequency systems,
GaN HFET is used and attached on a gold sub carrier.
Typical Specifications
Parameter
Specifications
Frequency (MHz)
900
1800
2140
2640
3500
Small Signal Gain (dB)
17
14
13
12
10
VSWR (Input / Output)
2.0 : 1
1dB Compression Point (dBm)
40
39
*CDMA Power (1FA) (dBm)
33
33
*CDMA Power (7FA) (dBm)
29
29
Vdd / Ids (CDMA Only)
+28V / 600mA
**WCDMA Power (1FA) (dBm)
31
**WCDMA Power (2FA) (dBm)
28
**WCDMA Power (4FA) (dBm)
26
OIP3 (dBm)
50 @ 27dBm/tone
48 @ 27dBm/tone
Operating Temp Range
-25℃ ~ +70℃
* IS-95 ( ±750kHz offset@-29dBc ACPR, ±1.98MHz offset@-39dBc ACPR )
** Test Model 1ch/64DPCH ( ±5MHz offset@-45dBc ACLR, ±10MHz offset@-50dBc ACLR )


Similar Part No. - RT240PD

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
RT2400B6 CTS-RT2400B6 Datasheet
108Kb / 3P
DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B6TR13 CTS-RT2400B6TR13 Datasheet
108Kb / 3P
DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B6TR7 CTS-RT2400B6TR7 Datasheet
108Kb / 3P
DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B7 CTS-RT2400B7 Datasheet
108Kb / 3P
DDR SDRAM Terminator RoHS Compliant Parts Available
RT2400B7TR13 CTS-RT2400B7TR13 Datasheet
108Kb / 3P
DDR SDRAM Terminator RoHS Compliant Parts Available
More results

Similar Description - RT240PD

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-010 SANYO-STK400-010 Datasheet
184Kb / 7P
3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
logo
Tyco Electronics
MA08509D MACOM-MA08509D Datasheet
69Kb / 3P
10W Power Amplifier Die Preliminary Release 8.0-11 GHz
PH1516-10 MACOM-PH1516-10 Datasheet
264Kb / 4P
Wireless Bipolar Power Transistor, 10W 1.45 - 1.60 GHz
logo
Mitsubishi Electric Sem...
RD12MVP1 MITSUBISHI-RD12MVP1 Datasheet
124Kb / 7P
Silicon MOSFET Power Transistor, 175MHz, 10W
logo
M/A-COM Technology Solu...
LF2810A MA-COM-LF2810A Datasheet
142Kb / 3P
RF Power MOSFET Transistor 10W, 500-1000MHz, 28V
PH1819-10 MA-COM-PH1819-10 Datasheet
202Kb / 3P
Wireless Bipolar Power Transistor 10W, 1.78-1.90 GHz
logo
Mitsubishi Electric Sem...
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
logo
MicroPower Direct, LLC
MPM-10SV MPD-MPM-10SV Datasheet
825Kb / 4P
10W Output Power
logo
Texas Instruments
PT4220 TI1-PT4220_14 Datasheet
389Kb / 8P
10W Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com