Electronic Components Datasheet Search
  English  ▼

X  

45SD Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # 45SD
Description  45SD Series Bus Expansion Cards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

45SD Datasheet(HTML) 5 Page - Banner Engineering Corp.

  45SD Datasheet HTML 1Page - Banner Engineering Corp. 45SD Datasheet HTML 2Page - Banner Engineering Corp. 45SD Datasheet HTML 3Page - Banner Engineering Corp. 45SD Datasheet HTML 4Page - Banner Engineering Corp. 45SD Datasheet HTML 5Page - Banner Engineering Corp. 45SD Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
61 Configuration Register:
This is a single byte, 8 flags.
bit 0 - 2
not used.
bit 3
Disable re-transmission of COS messages R/W . When this bit is set ALL event driven messages are sent only
once per event. Unacknowledged messages are not resent.
bit 4 - 7
not used.
This attribute is stored in non volatile memory.
ACTIONS
Action Description
Requested Data
Requested Data Type
Response Data
Response Data Type
0
No Operation
None
None
1
Change Address
New Address
Unsigned 8
None
Device ID*
Unsigned 8
Partner ID*
Unsigned 16
Serial No.*
Unsigned 32
2
Self Test
None
None
6
Clear All Errors
None
None
8
Enroll Logical Device None
Partner ID
Unsigned 16
Serial No.
Unsigned 32
51
Force Input
Input State
Unsigned 8
None
52
Remove Forced Input None
None
53
Read Primitive Tag
Attribute ID
Attribute ID
Unsigned 8
Primitive tage
Unsigned 32
* These parameters are optional
0 NO-OP:
This is used primarily during “Autobaud” and to solicit a response from another node to verify bus integrity.
No action is performed by our device.
1 Change Address:
There are two methods to change the address.
•
If the message contains one or two data bytes the address is changed to the address defined by the first byte.
The second byte is ignored.
•
If the message contains eight data bytes, then bytes 3 and 4 are checked against the Vendor ID.
Bytes 5-8 are checked against the Serial Number. If the Vendor ID and Serial Number are correct, then byte 1 is
used to determine the new address. If either is not correct the message is ignored.
2 Initiate Self Test:
This action initiates a self test sequence internal to the node. This action is acknowledged prior to
the start of the self test. An Event ID 0 is then transmitted only if internal errors are found.
6 Reset Errors:
This action clears the error flags in both bytes of attribute #9, Bus Diagnostic Register.
8 Enroll:
Enroll returns a 6 byte message. The first four data bytes are the Serial Number and the remaining two bytes
are the Vendor Identification Number. The firmware waits for a random delay, up to 10 ms, before responding to this
action. This delay makes it possible to detect multiple devices with the same logical address.
51 Force Input/Output Variable State:
This forces the logical state of the Input, Attribute #18. The data contains a
Boolean single byte: 00 or 01.
52 Remove Force Input/Output Variable State:
This function removes the forced state, and restores normal operation.
53 Read Primitive Tag:
This action is called with one byte of input data - the attribute number. This action responds
with the following 3 bytes of data: Attribute # (unsigned 8), Primitive Tag (unsigned 16).
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com