| Electronic Components Datasheet Search |
|
45SD Datasheet(PDF) 6 Page - Banner Engineering Corp. |
|
|
|||||||||||||||||||||||||||||
45SD Datasheet(HTML) 6 Page - Banner Engineering Corp. |
|
6 / 6 page ![]() 0 Diagnostic Event Counter: This event is sent when ever a flag in attribute 9 is set. This event also sends one data byte. This byte contains the value of attribute #8, the Diagnostic Error Counter. Typically, this event is sent as a result of a low gain condition. Write ON/OFF: These events are sent when the Cyclic Timer has expired. Either a WRITE ON or a WRITE OFF special event is sent reflecting the state of the input. This event can be masked by clearing attribute 6. Change Of State ON: When the output of the sensor transitions to the ON state this message is sent. This event can be masked by clearing attribute 6. Change Of State OFF: When the output of the sensor transitions to the OFF state this message is sent. This event can be masked by clearing attribute 6. Banner Engineering Corp. 9714 10th Ave. No., Minneapolis, MN 55441 Telephone: (612) 544-3164 FAX (applications): (612) 544-3573 WARRANTY: Banner Engineering Corporation warrants its products to be free from defects for one year. Banner Engineering Corporation will repair or replace, free of charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty period. This warranty does not cover damage or liability for the improper application of Banner products. This warranty is in lieu of any other warranty either expressed or implied. EVENTS Event Description Output Data Parameters Output Data Parameter Type 0 Diagnostic Event Counter Counter Value Unsigned 8 Write ON None Write OFF None Change of State ON None Change of State OFF None |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |