Electronic Components Datasheet Search
  English  ▼

X  

45SD Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # 45SD
Description  45SD Series Bus Expansion Cards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

45SD Datasheet(HTML) 1 Page - Banner Engineering Corp.

  45SD Datasheet HTML 1Page - Banner Engineering Corp. 45SD Datasheet HTML 2Page - Banner Engineering Corp. 45SD Datasheet HTML 3Page - Banner Engineering Corp. 45SD Datasheet HTML 4Page - Banner Engineering Corp. 45SD Datasheet HTML 5Page - Banner Engineering Corp. 45SD Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Banner model 45SD plug-in bus cards enable a Banner Q45X Series sensor to
establish a logical relationship between the sensor's output and other compat-
ible devices on an SDS™ bus network. 45SD cards are part of a family of bus
expansion cards for Q45X sensors which includes models for use on AS-
Interface, DeviceNet™ , Seriplex®, and other data buses.
Use of a 45SD bus expansion card turns the Q45X into a "smart" sensor which
can be connected to an SDS bus network using a simple "dumb drop" junction
box or a "T" connector. Plugging a bus expansion card into a Q45X Series
sensor automatically converts the basic sensor outputs to a pair of datacom
connections with the proper protocol for use on an SDS™ bus network. Q45X
sensors without bus cards (i. e. "dumb sensors") may also be added to any bus
system, via a "smart drop" junction box. Basic Q45X sensors (without bus
expansion cards) interface directly to PLC dc inputs. See the functional
schematics on the other side of
this data sheet. The block dia-
gram at the right illustrates how
"smart" and "dumb" Q45X Series
sensors can be mixed together on
the same bus network.
On a Q45X Series sensor with a
45SD1 expansion card installed, a
green LED lights to indicate
POWER ON, and a red LED indi-
cates received light signal strength
by means of Banner's patented†
AID™ system (see below).
NOTE: The yellow sensor LED is
disabled when a bus network card is installed.
Emitter model Q45X6EQ has green indicator only.
SDS™ is a trademark of Honeywell Micro Switch Division
Printed in USA
P/N 39669D6B
For use with Q45X Series Photoelectric Sensors on SDS™ Bus Networks
45SD Series Bus Expansion Cards
Data
Input
Input
Input
PLC
Q45X
Q45X
Q45X
Q45X
Q45X
Q45X
Q45X
Q45X
Q45X
Q45X
Q45X
Q45X
"Dumb" Sensors
(x4)
"Smart" Sensors
(x4)
Smart
Drop
Dumb
Drop
"T"
"Dumb" Sensors
(x3)
"Smart" sensor
Connector
Bus
Specifications, Q45X Series Sensors using 45SD Expansion
Card (see Q45X data sheet, p/n 37735, for further information).
Supply voltage and current:
The sensor is powered by the bus network (11 to 25V dc; 60
mA combined current for Q45X sensor and 45SD card).
Output configuration: Standard CAN transceiver, non-isolated.
Conforms to SDS™ protocol.
Circuitry protection: Protected in the event of reverse power
supply polarity and loss of ground (neither condition will harm
the sensor or interrupt other communications on the network).
Sensor response time: 2 milliseconds. The total response time
is the sum of the sensor response time and the network response
time.
Status indicators (visible through transparent sensor top cover):
A green LED lights to indicate POWER ON; a red Banner AID™
System (†U.S. patent no. 4356393) LED lights when the sensor is
seeing it's modulated light source, and pulses at a rate proportional
to the strength of the received light signal. Emitter model Q45X6EQ
has green indicator only.
Cable: Sensors require SDS™ 5-pin mini-style quick discon-
nect cable, available from Turck, Lumberg, or Brad Harrison
(see page 2).
Operating temperature range: -10 to +70
°C (14 to +158°F)
Relative humidity: 0 to 95%, non-condensing
Model
Part No. Used with Sensor
Communication
45SD1
40060
All Q45XB6 models,
SDS level 4 binary input 1.1.1.5
except emitter
45SDE1 40908
Q45X6EQ emitter
Allows emitters to be powered from the bus;
not communicate


Similar Part No. - 45SD

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
STRAIGHT PLUG
45S101-103L5 ROSENBERGER-45S101-103L5 Datasheet
43Kb / 2P
STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
STRAIGHT PLUG
45S106-400L5 ROSENBERGER-45S106-400L5 Datasheet
42Kb / 2P
STRAIGHT PLUG PCB
logo
QUARTZCOM the communica...
45S12BF10 QUARTZCOM-45S12BF10 Datasheet
176Kb / 1P
-20 ~ 70 째C commercia l application -30 ~ 75 째C on request
More results

Similar Description - 45SD

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT5120T-834 AXIOMTEK-GOT5120T-834_16 Datasheet
512Kb / 2P
Easy for expansion: PCIe Mini Cards
logo
Contec Co., Ltd
EADBE CONTEC-EADBE Datasheet
152Kb / 2P
PCI Bus Expansion Adapter for PCI Bus PC-Slot
ECH-PCI-BE2-F7A CONTEC-ECH-PCI-BE2-F7A Datasheet
363Kb / 2P
PCI Bus Expansion Chassis Long x 7Slots
ECH-PCI-BE2-H4A CONTEC-ECH-PCI-BE2-H4A Datasheet
325Kb / 2P
PCI Bus Expansion Chassis Short x 4Slots
ECH-PCI-BE2-H7A CONTEC-ECH-PCI-BE2-H7A Datasheet
341Kb / 2P
PCI Bus Expansion Chassis Short x 7Slots
ECH-PCI-CE2-H7A CONTEC-ECH-PCI-CE2-H7A Datasheet
294Kb / 2P
PCI Bus Expansion Chassis Short size,7-Slots
ECH-PCI-CE-H13A CONTEC-ECH-PCI-CE-H13A Datasheet
387Kb / 2P
PCI Bus Expansion Chassis Short x 13Slots
logo
Advantech Co., Ltd.
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_V01 Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
logo
NHP Electrical Engineer...
1769-CRL1 NHP-1769-CRL1 Datasheet
470Kb / 1P
COMPACTLOGIX BUS EXPANSION CABLE RIGHT TO LEFT 0.3M
8 June 2023,
1769-CRR1 NHP-1769-CRR1 Datasheet
515Kb / 1P
COMPACTLOGIX BUS EXPANSION CABLE RIGHT TO RIGHT 0.3M
8 June 2023,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com