Electronic Components Datasheet Search
  English  ▼

X  

2N3904S Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 2N3904S
Description  General Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3904S Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  2N3904S Datasheet HTML 1Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 2Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 3Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 4Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 5Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 6Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 7Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IC , COLLECTOR CURRENT (mA)
Figure 5. Turn–On Time
IC , COLLECTOR CURRENT (mA)
Figure 6. Rise Time
I C , COLLECTOR CURRENT (mA)
Figure 7. Storage Time
IC , COLLECTOR CURRENT (mA)
Figure 8. Fall Time
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = 5.0 Vdc, TA= 25°C, Bandwidth = 1.0 Hz)
VCC = 40 V
IC /IB = 10
f, FREQUENCY (kHz)
Figure 9.
f = 1.0 kHz
VCC = 40 V
IB1 = IB2
IC /IB = 20
IC /IB = 10
IC /IB = 10
tr @ VCC = 3.0 V
td @ VOB = 0 V
40 V
15 V
2.0 V
I C /I B =10
I C /I B =20
I C /I B =10
I C /I B =20
t ’s = t s –1 /8 t f
I B1 = I B2
IC = 1.0 mA
IC = 0.5 mA
I C = 50µA
I C = 100 µA
SOURCE RESISTANCE=200 Ω
IC = 1.0 mA
SOURCE RESISTANCE =200 Ω
IC = 0.5 mA
SOURCE RESISTANCE=500 Ω
I C = 100 µA
SOURCE RESISTANCE =1.0k
IC = 50 µA
RS , SOURCE RESISTANCE (kΩ)
Figure 10.
1 0
2 0 3 0
5 0 7 0 10
20 30 50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
1 0
2 0 3 0
5 0 7 0 10
20 30 50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
1 0
2 0 3 0
5 0 7 0 10
20 30 50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
1 0
2 0 3 0
5 0 7 0 10
20 30 50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
0 1
0 2
0 4
1 0
2 0
4 0
10
20
40
100
12
10
8
6
4
2
0
0 1
0 2
0 4
1 0
2 0
4 0
10
20
40
100
14
12
10
8
6
4
2
0
2007. 12. 18
4/8
2N3904S
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com