Electronic Components Datasheet Search
  English  ▼

X  

2N3904S Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # 2N3904S
Description  General Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3904S Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  2N3904S Datasheet HTML 1Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 2Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 3Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 4Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 5Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 6Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 7Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ELECTRICAL CHARACTERISTICS ( TA 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS (3)
DC Current Gain
hFE
40
70
100
60
30
–
–
300
–
–
–
Collector–Emitter Saturation Voltage
VCE(sat)
–
–
0.2
0.3
Vdc
Base–Emitter Saturation Voltage
VBE(sat)
0.65
–
0.85
0.95
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
fT
300
–
MHz
Output Capacitance
Cobo
–
4.0
pF
Input Capacitance
Cibo
–
8.0
pF
3. Pulse Test: Pulse Width ≤ 300 µs; Duty Cycle ≤ 2.0%.
2007. 12. 18
2/8
2N3904S
Revision No : 0
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Input Impedance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hie
1.0
10
kΩ
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hre
0.5
8.0
X 10-4
Small–Signal Current Gain
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hfe
100
400
–
Output Admittance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hoe
1.0
40
μmhos
Noise Figure
(VCE = 5.0Vdc, IC = 100 μAdc, RS = 1.0 k Ω, f = 1.0 kHz)
NF
–
5.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = –0.5 Vdc
td
–
35
Rise Time
IC = 10 mAdc, IB1 = 1.0 mAdc)
tr
–
35
ns
Storage Time
(VCC = 3.0 Vdc, IC = 10 mAdc
ts
–
200
Fall Time
IB1 = IB2 = 1.0 mAdc)
tf
–
50
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com