Electronic Components Datasheet Search
  English  ▼

X  

2N3904S Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # 2N3904S
Description  General Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3904S Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  2N3904S Datasheet HTML 1Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 2Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 3Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 4Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 5Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 6Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 7Page - First Silicon Co., Ltd 2N3904S Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Figure 1. Delay and Rise Time
Equivalent Test Circuit
+3 V
275
10 k
1N916
C S < 4 pF*
+3 V
275
10 k
C S < 4 pF*
< 1 ns
–0 5 V
+10 9 V
300 ns
DUTY CYCLE = 2%
< 1 ns
–9 1
+10 9 V
DUTY CYCLE = 2%
t 1
0
10 < t 1 < 500 µs
* Total shunt capacitance of test jig and connectors
Figure 2. Storage and Fall Time
Equivalent Test Circuit
TYPICAL TRANSIENT CHARACTERISTICS
REVERSE BIAS VOLTAGE (VOLTS)
Figure 3. Capacitance
I C , COLLECTOR CURRENT (mA)
Figure 4. Charge Data
V CC = 40 V
I C /I B = 10
Q T
Q A
C ibo
C obo
T J = 25°C
T J = 125°C
0 1
0 2 0 3 0 5 0 7 1 0
2 0 3 0 5 0 7 0 10
20 30 40
1 0
2 0 3 0
5 0 7 0 10
20 30
50 70 100
200
10
7 0
5 0
3 0
2 0
1 0
5000
3000
2000
1000
700
500
300
200
100
70
50
2007. 12. 18
3/8
2N3904S
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com