Electronic Components Datasheet Search
  English  ▼

X  

2N3906S Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 2N3906S
Description  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3906S Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  2N3906S Datasheet HTML 1Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 2Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 3Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 4Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 5Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SOURCE RESISTANCE= 200Ω
I
C = 1.0 mA
TYPICAL AUDIO SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(V CE = – 5.0 Vdc, T A = 25°C, Bandwidth = 1.0 Hz)
f, FREQUENCY (kHz)
Figure 7. Noise Figure
R
g, SOURCE RESISTANCE (kΩ)
Figure 8. Noise Figure
f = 1 0 kHz
I
C = 0.5 mA
SOURCE RESISTANCE =1.0kΩ
I
C = 50 µA
SOURCE RESISTANCE= 500Ω
I
C = 100
µ
A
SOURCE RESISTANCE= 200 Ω
I
C = 0 5 mA
I
C = 1 0 mA
I
C = 100 µA
I
C = 50 µA
0.1
0.2
0.4
1.0
2 0
4 0
10
20
40
100
12
10
8
6
4
2
0
0.1
0.2
0.4
1 0
2.0
4.0
10
20
40
100
14
12
10
8
6
4
2
0
h PARAMETERS
(V CE = 10 Vdc, f = 1.0 kHz, T A = 25°C)
I
C , COLLECTOR CURRENT (mA)
Figure 9. Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 10. Output Admittance
I
C , COLLECTOR CURRENT (mA)
Figure 11. Input Impedance
I
C , COLLECTOR CURRENT (mA)
Figure 12. Voltage Feedback Ratio
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5 0
10
300
200
100
70
50
30
0.1
0 2
0.3
0.5
1.0
2.0
3 0
5.0
10
0.1
0.2
0 3
0.5
1.0
2.0
3 0
5.0
10
0.1
0 2
0 3
0.5
1.0
2.0
3 0
5.0
10
20
10
5 0
2 0
1 0
0 5
0 2
100
50
20
10
5
2
1
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
SEMICONDUCTOR
TECHNICAL DATA
2N3906S
2008. 01. 09
4/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com