Electronic Components Datasheet Search
  English  ▼

X  

2N3906S Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # 2N3906S
Description  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N3906S Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  2N3906S Datasheet HTML 1Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 2Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 3Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 4Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 5Page - First Silicon Co., Ltd 2N3906S Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 1. Delay and Rise Time
Equivalent Test Circuit
*Total shunt capacitance of test jig and connectors
10 k
3 V
275
C
S < 4.0 pF*
10 k
3 V
275
C
S < 4.0 pF*
1N916
+ 0.5 V
10 < t
1 < 500
µ
s
DUTY CYCLE = 2%
10.9 V
<1ns
<1 ns
– 10.6 V
t
1
+ 9.1 V
0
Figure 2. Storage and Fall Time
Equivalent Test Circuit
300ns
DUTY CYCLE = 2%
TYPICAL TRANSIENT CHARACTERISTICS
I
C , COLLECTOR CURRENT (mA)
Figure 4. Charge Data
REVERSE BIAS (VOLTS)
Figure 3. Capacitance
V
CC = 40 V
I
C / I B = 10
Q T
T
J = 25°C
T
J = 125°C
C
obo
C
ibo
Q
A
1.0
2 0 3 0
5.0 7.0 10
20
30
50 70 100
200
0.1
0.2 0.3 0.5 0.7 1 0
2.0 3.0
5 0 7.0 10
20 30 40
10 0
7 0
5 0
3 0
2 0
1 0
5000
3000
2000
1000
700
500
300
200
100
70
50
I
C , COLLECTOR CURRENT (mA)
Figure 6. Fall Time
I
C , COLLECTOR CURRENT (mA)
Figure 5. Turn–On Time
V
CC = 40 V
I
B1 = I B2
t
r @V CC=3.0V
40 V
I
C /I B = 10
t
d@V OB=0V
2.0 V
15 V
1.0
2 0 3.0
5.0 7 0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
1.0
2.0 3.0
5 0 7.0 10
20
30
50 70 100
200
500
300
200
100
70
50
30
20
10
7
5
I
C /I B = 10
I
C /I B = 20
0
SEMICONDUCTOR
TECHNICAL DATA
2N3906S
2008. 01. 09
3/6
Revision No : 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com