Electronic Components Datasheet Search
  English  ▼

X  

2N4403 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # 2N4403
Description  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N4403 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  2N4403 Datasheet HTML 1Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 2Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 3Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 4Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 5Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MMBT4403LT1 UNIT 1
MMBT4403LT1 UNIT 2
h PARAMETERS
(V CE = –10 Vdc, f = 1.0 kHz, T A = 25°C)
This group of graphs illustrates the relationship between h fe and other “h” parameters for his series of ransistors. To obtain these curves,
a high–gain and a low–gain unit were selected from the MMBT4401LT1 lines, and the same units were used to develop the correspondingly
numbered curves on each graph.
I
C , COLLECTOR CURRENT (mAdc)
Figure 10. Current Gain
I
C , COLLECTOR CURRENT (mAdc)
Figure 12. Voltage Feedback Ratio
0.1
0.2 0.3
0 5 0.7 1 0
2 0 3.0
7.0 5.0 10
1000
700
500
300
200
100
70
50
30
20
10
5 0
2 0
1 0
0 5
0 2
0.1
I
C , COLLECTOR CURRENT (mAdc)
Figure 11. Input Impedance
100
50
20
10
5
2
1
0.5
0.2
0.1
I
C , COLLECTOR CURRENT (mAdc)
Figure 13. Output Admittance
500
100
50
20
10
5 0
2 0
1 0
SMALL–SIGNAL CHARACTERISTICS
NOISE FIGURE
V
CE = –10 Vdc, T A = 25°C
Bandwidth = 1.0 Hz
0.1
0.2 0.3
0 5 0.7 1 0
2 0 3.0
7.0 5.0 10
MMBT4403LT1 UNIT 1
MMBT4403LT1 UNIT 2
MMBT4403LT1 UNIT 1
MMBT4403LT1 UNIT 2
0.1
0 2 0.3
0.5 0.7 1.0
2.0 3.0
7.0 5.0 10
0.1
0.2 0.3
0 5 0.7 1 0
2 0 3.0
7.0 5.0 10
R
S, SOURCE RESISTANCE (Ω)
Figure 9. Source Resistance Effects
f = 1.0 kHz
0.010.02 0.05 0.1 0.2
0 5 1 0 2 0
5.0 10 20
50 100
10
8
6
4
2
0
50 100 200
500
1k
2k
5k 10k
20k
50k
10
8
6
4
2
0
f , FREQUENCY (kHz)
Figure 8. Frequency Effects
I
C = 50
µ
A
100 µA
500 µA
1.0 mA
I
C = 1.0 mA, R S = 430Ω
I
C = 500
µ
A, R
S = 560
Ω
I
C = 50
µ
A, R
S = 2.7k
Ω
I
C = 100 µA, R S = 1.6 kΩ
R
S = OPTIMUM SOURCE RESISTANCE
MMBT4403LT1 UNIT 1
MMBT4403LT1 UNIT 2
2008. 08. 08
4/6
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
2N4403



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com