Electronic Components Datasheet Search
  English  ▼

X  

2N4403 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # 2N4403
Description  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N4403 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  2N4403 Datasheet HTML 1Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 2Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 3Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 4Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 5Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
V CEO
– 40
Vdc
Collector–Base Voltage
V CBO
– 40
Vdc
Emitter–Base Voltage
V EBO
– 5.0
Vdc
Collector Current — Continuous
I C
– 600
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR –5 Board (1)
P D
225
mW
T A =25 °C
Derate above 25°C
1.8
mW/°C
Thermal Resistance Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance, Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 2
5°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (3)
V (BR)CEO
Vdc
(I C = –1.0 mAdc, I B = 0)
– 40
—
Collector–Base Breakdown Voltage
V (BR)CBO
Vdc
(I C = –0.1mAdc, I E = 0)
– 40
—
Emitter–Base Breakdown Voltage
V (BR)EBO
Vdc
(I E = –0.1mAdc, I C = 0)
– 5.0
—
Base Cutoff Current
I BEV
µAdc
(V CE = –35 Vdc, V EB = –0.4 Vdc)
—
– 0.1
Collector Cutoff Current
I CEX
µAdc
(V CE = –35 Vdc, V EB = –0.4 Vdc)
—
– 0.1
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3. Pulse Test: Pulse Width <300
µs; Duty Cycle <2.0%.
General Purpose Transistors
PNP Silicon
2
EMITTER
3
COLLECTOR
1
BASE
Device
Marking
Shipping
2N4403LT1G
2T
3000/Tape & Reel
ORDERING INFORMATION
2008. 08. 08
1/6
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
2N4403
SOT–23
1
3
2


Similar Part No. - 2N4403

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
297Kb / 6P
General Purpose Transistors(PNP Silicon)
1996
logo
Rohm
2N4403 ROHM-2N4403 Datasheet
40Kb / 1P
PNP Medium Power Transistor (Switching)
logo
Semtech Corporation
2N4403 SEMTECH-2N4403 Datasheet
209Kb / 3P
PNP EXPITAXIAL SILICON TRANSISTOR?
logo
Fairchild Semiconductor
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
More results

Similar Description - 2N4403

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
BC847E FS-BC847E Datasheet
427Kb / 5P
General Purpose Transistors
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com