Electronic Components Datasheet Search
  English  ▼

X  

2N4403 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # 2N4403
Description  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

2N4403 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  2N4403 Datasheet HTML 1Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 2Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 3Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 4Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 5Page - First Silicon Co., Ltd 2N4403 Datasheet HTML 6Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
STATIC CHARACTERISTICS
I
C , COLLECTOR CURRENT (mA)
Figure 14. DC Current Gain
I
B , BASE CURRENT (mA)
Figure 15. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 16. “On” Voltages
I
C , COLLECTOR CURRENT (mA)
Figure 17. Temperature Coefficients
I
C=1.0 mA
T
J = 125°C
V
CE= 1.0 V
V
CE= 10 V
25°C
–55°C
10 mA
A
m
0
0
5
A
m
0
0
1
0.1
0.2
0 3
0 5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
20
300
500
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0 005 0.01
0.02 0.03
0.05
0.07 0.1
0.2
0 3
0.5
0.7 1.0
2.0
3.0
5.0
7.0
10
20
30
50
1.0
0.8
0.6
0.4
0.2
0
T
J = 25°C
θ
VC for VCE(sat)
V
BE(sat) @ I C /I B =10
V
CE(sat) @ I C /I B =10
V
BE @ V CE =1.0 V
θ
VS for V BE
0.1 0.2
0 5 1.0 2.0
5.0
10
20
50
100 200
500
10
0.8
0.6
0.4
0.2
0
+ 0 5
0
– 0 5
–1 0
–1 5
–2 0
– 2 5
0.1 0 2
0 5 1 0 2.0
5.0
10
20
50
100 200
500
2008. 08. 08
5/6
Revision No : 0
SEMICONDUCTOR
TECHNICAL DATA
2N4403



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com