Electronic Components Datasheet Search
  English  ▼

X  

CBM3232AS Datasheet(PDF) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM3232AS
Description  OPERATION INSTRUCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM3232AS Datasheet(HTML) 3 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM3232AS Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.corebai.com
CBM3232AS
OPERATION INSTRUCTION
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.3 to 6
V
V+
Doubled Voltage Terminal
(VCC - 0.3) to 7
V
V-
Inverted Voltage Terminal
0.3 to -7
V
V+ +|V-|
13
V
TIN
Transmitter Input Voltage Range
-0.3 to 6
V
RIN
Receiver Input Voltage Range
± 25
V
TOUT
Transmitter Output Voltage Range
± 13.2
V
ROUT
Receiver Output Voltage Range
-0.3 to (VCC + 0.3)
V
Ta
Operating Temerature
-40 to 85
℃
Ts
Storage Temperature
-60 to 150
℃
tSHORT
Transmitter Output Short to GND Time
Continuous
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the
device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond
those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
V+ and V-can have a maximum magnitude of +7V, but their absolute addition cannot exceed 13 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com