Electronic Components Datasheet Search
  English  ▼

X  

CBM3232AS Datasheet(PDF) 5 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM3232AS
Description  OPERATION INSTRUCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM3232AS Datasheet(HTML) 5 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM3232AS Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
www.corebai.com
CBM3232AS
OPERATION INSTRUCTION
RECEIVER ELECTRICAL CHARACTERISTICS
(C1 - C4 = 0.1µF tested at VCC = 3.3V to 5.5V, TA = -40℃ to 85℃, unless otherwise specified.
Typical values are referred to TA = 25℃)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VRIN
Receiver Input
Voltage Operating
Range
-25
25
V
VRIL
RS-232 Input
Threshold Low
TA = 25℃
VCC = 3.3V
0.6
1.2
V
TA = 25℃
VCC = 5V
0.8
1.5
VRIH
RS-232 Input
Threshold High
TA = 25℃
VCC = 3.3V
1.5
2.4
V
TA = 25℃
VCC = 5V
1.8
2.4
VRIHYS
Input Hysteresis
0.3
V
RRIN
Input Resistance
TA = 25℃
3
5
7
kΩ
VROL
TTL/CMOS Output
Voltage Low
IOUT = 1.6mA
VCC = 3.3V
0.4
V
IOUT = 3.2mA
VCC = 5.5V
VROH
TTL/CMOS Output
Voltage High
IOUT = -0.5mA
VCC = 3.3V
VCC-0.
6
VCC-0.
1
V
IOUT = -1mA
VCC = 5.5V
TIMING CHARACTERISTICS
(C1 - C4 = 0.1µF, VCC = 3.3V to 5.5V, TA = -40℃ to 85°C, unless otherwise specified. Typical
values are referred to TA = 25℃)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Data Transfer Rate
RL = 3KΩ
CL2= 1000pF
one transmitter
switching
VCC=3.3V
120
Kbps
tPHLR
Propagation Delay
Input to Output
RXIN=RXOUT
CL = 150pF
4.0
9.7
µs
tPLHR
tPHLT
Propagation Delay
Input to Output
RL = 3KΩ
CL = 2500pF
2.0
5.0
µs
tPLHT
|tPHLR
Receiver
Propagation Delay
Difference
300
ns
- tPLHR|
|tPHLT
Transmitter
Propagation Delay
Difference
300
ns
- tPLHT|
SRT
Transition Slew
Rate
TA = 25℃
RL = 3KΩ to 7KΩ
VCC = 3.3V
measured from +3V to -3V or
-3V to +3V CL = 150pF to
1000pF
3
30
V/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com