Electronic Components Datasheet Search
  English  ▼

X  

CBM3232AS Datasheet(PDF) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

Part # CBM3232AS
Description  OPERATION INSTRUCTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COREBAI [COREBAI Microelectronics (Beijing) Co., Ltd.]
Direct Link  http://www.corebai.com/en/
Logo COREBAI - COREBAI Microelectronics (Beijing) Co., Ltd.

CBM3232AS Datasheet(HTML) 1 Page - COREBAI Microelectronics (Beijing) Co., Ltd.

  CBM3232AS Datasheet HTML 1Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 2Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 3Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 4Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 5Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 6Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 7Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 8Page - COREBAI Microelectronics (Beijing) Co., Ltd. CBM3232AS Datasheet HTML 9Page - COREBAI Microelectronics (Beijing) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
www.corebai.com
CBM3232AS
OPERATION INSTRUCTION
FEATURES
300 µA SUPPLY CURRENT
120Kbps MAX GUARENTEED DATA
RATE
3V/µs MINIMUM GUARANTEED SLEW
RATE
ENHANCED ESD SPECIFICATIONS:
±15kV IEC61000-4-2 Air Discharge
±8kV IEC61000-4-2 Contact Discharge
AVAILABLE IN SO-16,TSSOP16 AND
SOP16L(W)
APPLICATIONS
Battery-Powered Equipment
Hand-Held Equipment
Peripherals
Datacom Equipment
GENERAL DESCRIPTION
The CBM3232 is a 3.3V powered
EIA/TIA-232 and V.28/V.24 communication
interface with low power requirements, high
data-rate
capabilities.
CBM3232
has
a
proprietary low dropout transmitter output
stage providing true RS-232 performance
from 3.3vVto 5.5V supplies. The device
requires only four small 0.1 µF standard
external capacitors for operations from 3.3V
supply.
The CBM3232 has two receivers and two
drivers. The device is guaranteed to run at
data rates of 120Kbps while maintaining
RS-232 output levels. Typical applications are
Notebook,
Subnotebook
and
Palmtop
Computers, Battery Powered Equipment,
Hand-Held
Equipment,
Peripherals
and
Printers.


Similar Part No. - CBM3232AS

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM3085A COREBAI-CBM3085A Datasheet
891Kb / 13P
OPERATION INSTRUCTION
CBM3085ACS8 COREBAI-CBM3085ACS8 Datasheet
891Kb / 13P
OPERATION INSTRUCTION
CBM3085AS COREBAI-CBM3085AS Datasheet
891Kb / 13P
OPERATION INSTRUCTION
CBM3085AS8 COREBAI-CBM3085AS8 Datasheet
891Kb / 13P
OPERATION INSTRUCTION
logo
Sumida Corporation
CBM33 SUMIDA-CBM33 Datasheet
239Kb / 2P
Balun coil< SMD Type: CBM Series>
More results

Similar Description - CBM3232AS

ManufacturerPart #DatasheetDescription
logo
COREBAI Microelectronic...
CBM232 COREBAI-CBM232 Datasheet
839Kb / 9P
OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2576-XX COREBAI-CBM2576-XX Datasheet
1Mb / 16P
OPERATION INSTRUCTION
CBM2904 COREBAI-CBM2904 Datasheet
803Kb / 7P
OPERATION INSTRUCTION
CBM3485A COREBAI-CBM3485A Datasheet
903Kb / 11P
OPERATION INSTRUCTION
CBM8031 COREBAI-CBM8031 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8511 COREBAI-CBM8511 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
CBM8538 COREBAI-CBM8538 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8551 COREBAI-CBM8551 Datasheet
1Mb / 16P
OPERATION INSTRUCTION
CBM8655 COREBAI-CBM8655 Datasheet
7Mb / 25P
OPERATION INSTRUCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com