Electronic Components Datasheet Search
  English  ▼

X  

Q240WS Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # Q240WS
Description  R-GAGE짰 Q240RA-AF2L Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q240WS Datasheet(HTML) 4 Page - Banner Engineering Corp.

  Q240WS Datasheet HTML 1Page - Banner Engineering Corp. Q240WS Datasheet HTML 2Page - Banner Engineering Corp. Q240WS Datasheet HTML 3Page - Banner Engineering Corp. Q240WS Datasheet HTML 4Page - Banner Engineering Corp. Q240WS Datasheet HTML 5Page - Banner Engineering Corp. Q240WS Datasheet HTML 6Page - Banner Engineering Corp. Q240WS Datasheet HTML 7Page - Banner Engineering Corp. Q240WS Datasheet HTML 8Page - Banner Engineering Corp. Q240WS Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Zone 2 Distance Offset from Zone 1
A5
A6
A7
Offset
0
1
0
10 m (32.8 ft)
0
1
1
15 m (49.2 ft)
1*
0*
0*
20 m (65.6 ft)
1
0
1
25 m (82.0 ft)
1
1
0
30 m (98.4 ft)
1
1
1
40 m (131.2 ft)
Note: Highest sensitivity is achieved only if the sensing distance is 72 m (236.2 ft) or less.
Sensitivity Selection
B1
B2
B3
Sensitivity
0
0
0
8 (Highest)
0
0
1
7...
0
1
0
6 (High)
0**
1**
1**
5...
1*
0*
0*
4 (Medium)
1
0
1
3...
1
1
0
2 (Low)
1
1
1
1 (Lowest)
* Default settings for US and CN models
**Default settings for EU models
Output Configuration
* Default settings
A8
NPN / PNP
0*
NPN
1
PNP
B7
NO / NC
0*
NO
1
NC
Response Speed
B4
B5
B6
ON Total (ms)
OFF Total (ms)
Total (ms)
0
0
0
15
15
30
0
0
1
30
70
100
0
1
0
30
120
150
0*
1*
1*
50
300
350
1
0
0
50
600
650
1
0
1
30
1000
1030
1
1
0
120
600
720
1
1
1
120
6000
6120
* Default settings
R-GAGE® Q240RA-AF2L Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 198175 Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com