Electronic Components Datasheet Search
  English  ▼

X  

Q240WS Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # Q240WS
Description  R-GAGE짰 Q240RA-AF2L Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q240WS Datasheet(HTML) 8 Page - Banner Engineering Corp.

Back Button Q240WS Datasheet HTML 2Page - Banner Engineering Corp. Q240WS Datasheet HTML 3Page - Banner Engineering Corp. Q240WS Datasheet HTML 4Page - Banner Engineering Corp. Q240WS Datasheet HTML 5Page - Banner Engineering Corp. Q240WS Datasheet HTML 6Page - Banner Engineering Corp. Q240WS Datasheet HTML 7Page - Banner Engineering Corp. Q240WS Datasheet HTML 8Page - Banner Engineering Corp. Q240WS Datasheet HTML 9Page - Banner Engineering Corp. Q240WS Datasheet HTML 10Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
Windows
The R-GAGE sensor can be placed behind a glass or a plastic window, but the configuration must be tested and the distance from the
sensor to the window must be determined and controlled prior to installation. There is typically a 20% signal reduction when the sensor
is placed behind a window.
Polycarbonate at 4 mm thickness performs well in most situations, but the performance depends on filler materials. Thinner (1 to 3 mm)
windows have high reflection. The amount of reflection depends on the material, thickness, and distance from the sensor to the
window.
Locate the sensor in a position of minimum reflection from the window, which will repeat every 6.1 mm of distance between the sensor
and the window. The positions of maximum reflection from the window repeat between the minimums, and decrease in effect until the
window is approximately 150 mm (5.9 in) away. Consult the factory for pre-tested window materials which can be used at any distance
without issue.
Additionally, the face of the window should be protected from flowing water and ice by use of a flow diverter or hood directly above the
window. Falling rain or snow in the air in front of the window, light water mist, or small beads on the face of the window are typically
not an issue. However, a thick, continuous surface of water or ice directly on the face of the window can be detected as a dielectric
boundary.
The Q240WS is a clip-on hydrophobic weather shield accessory specially designed to meet these requirements. This is recommended for
outdoor use, especially where snow or rain is likely to accumulate on the front surface of the sensor.
R-GAGE® Q240RA-AF2L Sensor
8
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 198175 Rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com