Electronic Components Datasheet Search
  English  ▼

X  

Q240WS Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # Q240WS
Description  R-GAGE짰 Q240RA-AF2L Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

Q240WS Datasheet(HTML) 3 Page - Banner Engineering Corp.

  Q240WS Datasheet HTML 1Page - Banner Engineering Corp. Q240WS Datasheet HTML 2Page - Banner Engineering Corp. Q240WS Datasheet HTML 3Page - Banner Engineering Corp. Q240WS Datasheet HTML 4Page - Banner Engineering Corp. Q240WS Datasheet HTML 5Page - Banner Engineering Corp. Q240WS Datasheet HTML 6Page - Banner Engineering Corp. Q240WS Datasheet HTML 7Page - Banner Engineering Corp. Q240WS Datasheet HTML 8Page - Banner Engineering Corp. Q240WS Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sensor Configuration
The sensitivity and output configuration can be selected via the DIP switches on the side of the sensor. Use the included spanner to
open the screw-off cover on the side of the sensor and access the DIP switches.
Important: Tighten the DIP switch cover a full quarter turn after contact to maintain the watertight seal.
DIP Switch Functions
Switches
Function
A1, A2, A3, A4
Zone 1 Distance (detects objects from sensor face to this point)
A5, A6, A7
Zone 2 Distance, Offset from Zone 1
A8
Polarity
B1, B2, B3
Sensitivity (higher sensitivity sees weaker objects and has a larger beam pattern)
B4, B5, B6
Response Speed
B7
Normally Open/Normally Closed output functionality
B8
Not Used
DIP switch 1 is on the left and DIP switch 8 is on the right.
Distance Settings
Zone 1 Distance
A1
A2
A3
A4
Distance
0
0
0
0
4 m (13.1 ft)
0
0
0
1
6 m (19.7 ft)
0
0
1
0
8 m (26.2 ft)
0
0
1
1
10 m (32.8 ft)
0
1
0
0
12 m (39.4 ft)
0
1
0
1
14 m (45.9 ft)
0
1
1
0
16 m (52.5 ft)
0*
1*
1*
1*
20 m (65.6 ft)
1
0
0
0
25 m (82.0 ft)
1
0
0
1
30 m (98.4 ft)
1
0
1
0
35 m (114.8 ft)
1
0
1
1
40 m (131.2 ft)
1
1
0
0
45 m (147.6 ft)
1
1
0
1
50 m (164.0 ft)
1
1
1
0
55 m (180.4 ft)
1
1
1
1
60 m (196.9 ft)
* Default settings
Zone 2 Distance Offset from Zone 1
A5
A6
A7
Offset
0
0
0
5 m (16.4 ft)
0
0
1
8 m (26.2 ft)
R-GAGE® Q240RA-AF2L Sensor
P/N 198175 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com