Electronic Components Datasheet Search
  English  ▼

X  

R58BPCRGB2 Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # R58BPCRGB2
Description  R58B Registration Mark Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58BPCRGB2 Datasheet(HTML) 4 Page - Banner Engineering Corp.

  R58BPCRGB2 Datasheet HTML 1Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 2Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 3Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 4Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 5Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 6Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 7Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4. Start moving the web past sensor. Present at least 2 marks.
5. End the dynamic sampling.
Method
Action
Result
Push Button
Press the TEACH button.
Sensor evaluates contrast.
If adequate mark to background contrast, the sensor
returns to normal operation using the new sense
settings.
If not, the Output Configuration and Emitter Color
Configuration LEDs will alternately flash 4x to
indicate that the TEACH failed and the sensor will
return to normal operation without changing the
sense settings.
Remote Input
Single-pulse the remote line to end Dynamic sampling.
Installation Instructions
Mounting Considerations
The R58B Registration Mark Sensor includes a total of eight size M5 threaded holes used for mounting. These threaded holes are positioned to match the
mounting hole patterns common to other registration mark sensors. The R58B includes four M5 x 0.8 x 6 mm stainless steel cap screws and a hex key
wrench.
The R58B focus is 10 mm (0.39 in) from the lens surface. The R58B must be
mounted within 3 mm (0.12 in) of this distance from the surface of the material for
reliable sensing (Figure 2 on page 4).
Consider the following when mounting the R58B:
• When sensing a registration mark on a reflective (shiny) material, mount
the R58B at an angle which places the lens centerline at approximately 15°
off perpendicular to the material’s surface (Figure 4 on page 4). This
minimizes strong direct reflections (which tend to overwhelm the sensor),
and allows the sensor to discern the relatively small optical contrast
offered by differences in colors.
• Clear materials are poor reflectors of light. When sensing a mark printed
on a clear material (for example, a clear poly web), position a reflective
surface directly behind the clear material to return light to the R58B. The
printed mark, regardless of its color, then becomes the dark condition, as
it blocks the light from reaching the reflective surface. Most clear materials
are also shiny; it is important to include a 15° skew angle when sensing
clear materials (Figure 4 on page 4).
• Whenever possible, sense a web material at a location where it passes
over a tension bar or roller, to minimize the adverse effects of web
“flutter” or sag (Figure 3 on page 4).
Cap
Lens
10 ± 3 mm
Lens
Cap
10 ± 3 mm
Surface of
Material
Figure 2. Mounting Distance and Lens Positions
90º
Roller or
Tension Bar
Opaque,
Non-reflective
Web Material
Focus Distance
10.0 mm (0.39")
Sensor
Mount the sensor perpendicular to
non-reflective (matte) materials
Figure 3. Mounting for Matte Material
Approximately 15º
Focus Distance
10.0 mm (0.39")
Mount the sensor at approximately 15° from perpendicular to
transparent and opaque reflective materials
Roller or
Tension Bar
Transparent or
Opaque Reflective
Web Material
Sensor
Figure 4. Mounting for Transparent and Opaque Material
R58B Registration Mark Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 156477 Rev. B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com