Electronic Components Datasheet Search
  English  ▼

X  

R58BPCRGB2 Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # R58BPCRGB2
Description  R58B Registration Mark Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58BPCRGB2 Datasheet(HTML) 8 Page - Banner Engineering Corp.

  R58BPCRGB2 Datasheet HTML 1Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 2Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 3Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 4Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 5Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 6Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 7Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Remote Configuration Flowchart
Normal
Operation
2x
Select
Setup Type
Power LED –> OFF
Output LED -> OFF
Output -> OFF
2 s Hold or 60 s Timeout
3x
Configure
Color(s)
Color Configuration LED(s) –> Flashing
All other LEDs -> OFF
2 s Hold or 60 s Timeout
1x
Red
2x
Green
3x
Blue
4x
Red Green
5x
Red Blue
Green Blue
6x
Red Green Blue
7x
4x
Configure
Button Lock
Power LED –> Flashing
All other LEDs -> OFF
2 s Hold or 60 s Timeout
1x
Buttons Enabled
2x
Buttons Disabled
4x
Toggle Button
Lock
Flash Power LED:
1x for Enabled, Repeat 2x
2x for Disabled, Repeat 2x
8x
Restore Factory
Defaults
All LEDs OFF for 1 second
1x
Configure
Mode
Mode Configuration LED –> Flashing
All other LEDs -> OFF
2 s Hold or 60 s Timeout
1x
Run Mode
2x
Static Mode
3x
Dynamic Mode
2x
Configure
Output
Output Configuration LED(s) –> Flashing
All other LEDs -> OFF
2 s Hold or 60 s Timeout
1x
LO / No Delay
2x
DO / No Delay
3x
LO / Off- Delay
4x
DO / Off- Delay
A click (
) is defined as 40 ms < T < 800 ms.
R58B Registration Mark Sensor
© Banner Engineering Corp. All rights reserved



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com