Electronic Components Datasheet Search
  English  ▼

X  

R58BPCRGB2 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # R58BPCRGB2
Description  R58B Registration Mark Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58BPCRGB2 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  R58BPCRGB2 Datasheet HTML 1Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 2Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 3Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 4Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 5Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 6Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 7Page - Banner Engineering Corp. R58BPCRGB2 Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
The discrete NPN or PNP output can be configured in Setup mode to
include a 30 millisecond OFF-delay if required.
Configuration is accomplished either by using the push-buttons on
the sensor, or by supplying input pulses using the remote input. The
buttons may be disabled using the remote input.
The construction of the R58B is extremely robust, with a die-cast
metal housing, plastic optics, and IP67 leakproof design for harsh
sensing environments.
1
3
7
2
4
5
6
Figure 1. Sensor Features
1. Power LED
2. Output LED
3. Mode Selection Button
4. Output Configuration
LEDs
5. Emitter Color
Configuration LEDs
6. TEACH Button
7. Mode Configuration
LEDs
Configuration Instructions
Sensor Mode Description
The R58B Registration Mark Sensor have three user-selectable modes of operation: Run Mode, Static Mode, and Dynamic Mode. The "active" Mode is
selected by pressing the Mode push-button or via the remote input. For simplicity of operation, only certain features are enabled in each mode as
described below.
• All Modes: The sensor detects registration marks based on the last taught conditions. Via the remote line the user may configure the
operational mode and the output settings, enable/disable emitter color(s), lock/unlock push-buttons, and restore factory defaults.
• Run Mode: There is no TEACH button functionality in RUN Mode. Press and hold both push-buttons > 2 seconds to enter Set-up mode to
configure the output settings or enable/disable emitter color(s).
• Static Mode: Using the TEACH push-button, the sensor can be quickly taught new sense conditions using a simple Static TEACH Procedure.
• Dynamic Mode: Using the TEACH push-button, the sensor can be taught on-the-fly using a simple Dynamic Teach Procedure.
LED
Indicates
Power
ON: Normal sensor operation
OFF: Set-up Mode
Flashing: Push-button lock-out status
Output
ON: Output is conducting
OFF: Output is not conducting
Slow Flash: TEACH Static OFF condition or Dynamic TEACH active
Fast Flash: Re-TEACH Static ON condition (prior static TEACH failed)
Light Operate
ON: Light Operate (LO) operation
Dark Operate
OFF: Dark Operate (DO) operation
Off Delay
ON: 30 ms pulse stretcher (OFF-delay) is active
OFF: No OFF-delay
Red, Green, Blue
Normal Operation
ON: Active emitter LED color
Set-up Mode
ON: Enabled emitter LED colors
Flashing: Allow Enabling/ Disabling of emitter LED colors
Run
ON: Run Mode is active
Static
ON: Static Mode is active
Dynamic
ON: Dynamic Mode is active
Sensor Set-up
The R58B will power up in normal operation and begin sensing using the settings from the most recently taught registration mark. The sensitivity of the
R58B may be quickly optimized to the application by using one of two available TEACH modes: Static TEACH or Dynamic TEACH.
• Static TEACH: Both the Output ON and Output OFF conditions are presented to the sensor, and the sensitivity and emitter color are
automatically selected to maximize sensing contrast.
• Dynamic TEACH: The registration mark and background are presented during actual sensing conditions (i.e. web moving) and the sensitivity and
emitter color are automatically selected to maximize sensing contrast.
The sensor's operating parameters may be configured either via its push-buttons or via the remote input (gray wire). While in RUN mode, press and hold
both buttons > 2 seconds to enter Set-Up mode. Pressing the Mode Push-button will cycle through the 4 possible output settings. Pressing the TEACH
Push-button will cycle through the 7 combinations of emitter LED color. The indicators update to show the currently selected configuration. Press both
buttons for > 2 s or wait 60 s to exit Set-up mode.
To use the remote input, connect the gray wire to a PLC or a NO (normally open) switch to 0 V dc. Set-up using the remote line is accomplished by
following a sequence of input pulses (see following procedures). The duration of each pulse, and the period between multiple pulses, is defined as T: 0.04
seconds ≤ T ≤ 0.8 seconds
R58B Registration Mark Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 156477 Rev. B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com