Electronic Components Datasheet Search
  English  ▼

X  

SLC1 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # SLC1
Description  C-GAGE SLC1 Series Label Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLC1 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  SLC1 Datasheet HTML 1Page - Banner Engineering Corp. SLC1 Datasheet HTML 2Page - Banner Engineering Corp. SLC1 Datasheet HTML 3Page - Banner Engineering Corp. SLC1 Datasheet HTML 4Page - Banner Engineering Corp. SLC1 Datasheet HTML 5Page - Banner Engineering Corp. SLC1 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dimensions
Remove 4 screws for cleaning.
Use 7/64" hex key
Clearance for
M4 (#8) screws
(2 holes)
10.2 mm
(0.40")
25.4 mm
(1.00")
3.8 mm
(0.15")
32.8 mm
(1.30")
1 mm
(0.04")
8.9 mm
(0.35")
23.1 mm
(0.91")
40.8 mm
(1.61")
88.9 mm
(3.49")
30.5 mm
(1.20")
68.8 mm
(2.71")
SLC1BB6
Label Sensor
SENSING AREA
Green: power on
Green flashing: output overload
Yellow: outputs conducting
bn: +10 to 30 V dc
bu: common
wh: NPN output
bk: PNP output
gy: output invert / reset
Accessories
All measurements are listed in millimeters (inches).
5-Pin Threaded M12/Euro-Style Cordsets (Single Ended)
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.50 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
1.83 m (6 ft)
MQDC1-515
4.57 m (15 ft)
MQDC1-530
9.14 m (30 ft)
MQDC1-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC1-515RA
4.57 m (15 ft)
MQDC1-530RA
9.14 m (30 ft)
Banner Engineering Corp Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following
the date of shipment. Banner Engineering Corp. will repair or replace, free of charge, any product of its manufacture
which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty
does not cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
C-GAGE SLC1 Series Label Sensor
P/N 59369 Rev. B
www.bannerengineering.com - tel: 763-544-3164
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com