Electronic Components Datasheet Search
  English  ▼

X  

SLC1 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # SLC1
Description  C-GAGE SLC1 Series Label Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLC1 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  SLC1 Datasheet HTML 1Page - Banner Engineering Corp. SLC1 Datasheet HTML 2Page - Banner Engineering Corp. SLC1 Datasheet HTML 3Page - Banner Engineering Corp. SLC1 Datasheet HTML 4Page - Banner Engineering Corp. SLC1 Datasheet HTML 5Page - Banner Engineering Corp. SLC1 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
•
No user adjustments – Adaptive Digital Logic (ADL™)1 provides
revolutionary self-learning capability.
•
Continuous automatic internal adjustment of sensing threshold and drift
compensation.
•
Registration accuracy of ± 0.3 mm (0.012") typical at web speeds up to
1.5 m per second (5 ft per second)
•
Reliably detects the presence of most types of labels on web backing
◦
Clear labels on an opaque backing
◦
Clear labels on a clear backing
◦
Opaque labels on an opaque backing
◦
Opaque labels on a clear backing
•
Perfect for label-registering applications, and also for label-counting tasks
in slitting or rewinding applications.
•
Heavy-duty metal housing, 1 mm (0.04") slot
Model Number
Supply Voltage
Cable
Output Type
User Adjustments
SLC1BB6
10 to 30 V dc
5-wire 2 m (6.5 ft)
Bipolar (NPN and PNP)
None Required
SLC1BB6Q
5-pin Euro-style (QD)
To order the 9 m (30 ft) cable models, add the suffix “W/30” to the model number of the cabled version (e.g., SLC1BB6
W/30). A model with a QD connector requires an accessory mating cable.
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to
serious injury or death. This device does not include the self-checking redundant circuitry necessary
to allow its use in personnel safety applications. A sensor failure or malfunction can cause either an
energized or de-energized sensor output condition.
Overview
1
2
3
4
Figure 1. SLC1 Label Sensor Features
1. Green power LED
2. Amber output LED
3. 1 mm (0.04 inch) slot
4. Web alignment guides
The SLC1 Series Label Sensor was developed to provide trouble-free
detection of labels on web backing material. It reliably senses the
difference between materials of extremely low visual contrast, including
clear labels on clear or opaque backing. The SLC1 uses Banner’s
exclusive Adaptive Digital Logic (ADL™) to automatically make all sensor
settings; no user adjustments are necessary.
NOTE: Labels with metallic inks, foil embossing or
metal substrates are not recommended for use with
SLC1 Series sensors.
1 Patent pending
C-GAGE SLC1 Series Label Sensor
Original Document
59369 Rev. B
14 May 2014
59369


Similar Part No. - SLC1

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SLC100 CANDD-SLC100 Datasheet
298Kb / 10P
40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100 MURATA-PS-SLC100 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
SLC100-1 CANDD-SLC100-1 Datasheet
298Kb / 10P
40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
logo
Murata Power Solutions ...
SLC100-1 MURATA-PS-SLC100-1 Datasheet
150Kb / 9P
40 Amp Single Output Quarter Brick DC/DC Converter
logo
C&D Technologies
SLC100-10 CANDD-SLC100-10 Datasheet
298Kb / 10P
40 Amp SINGLE OUTPUT QUARTER BRICK DC / DC CONVERTER
More results

Similar Description - SLC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
FOTEK CONTROLS CO., LTD...
SU-07 FOTEK-SU-07 Datasheet
750Kb / 1P
U TYPE MARK & LABEL SENSOR
logo
Banner Engineering Corp...
K50UX1ARA BANNER-K50UX1ARA Datasheet
806Kb / 6P
U-GAGE K50U Ultrasonic Sensor
T18U BANNER-T18U Datasheet
552Kb / 4P
U-GAGE T18U Series Sensor
QT50R-AFH-FL BANNER-QT50R-AFH-FL Datasheet
351Kb / 6P
R-GAGE??QT50R-AFH-FL Sensor
K50U BANNER-K50U Datasheet
806Kb / 6P
Sure Cross짰 U-GAGE K50U Ultrasonic Sensor
logo
Pepperl+Fuchs Inc.
ULB-18GM50-255-2E1 PF-ULB-18GM50-255-2E1 Datasheet
388Kb / 4P
Label sensor
ULB-18GM50-255-2E3 PF-ULB-18GM50-255-2E3 Datasheet
388Kb / 4P
Label sensor
logo
PHOENIX CONTACT
1315521 PHOENIX-1315521 Datasheet
47Kb / 2P
Label - EV-LABEL-C-SO
logo
Banner Engineering Corp...
K50R BANNER-K50R Datasheet
605Kb / 6P
R-GAGE® K50R Radar Sensor
1 November 2022 Rev. D
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com