Electronic Components Datasheet Search
  English  ▼

X  

LM3311 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3311
Description  Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3311 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3311 Datasheet HTML 8Page - National Semiconductor (TI) LM3311 Datasheet HTML 9Page - National Semiconductor (TI) LM3311 Datasheet HTML 10Page - National Semiconductor (TI) LM3311 Datasheet HTML 11Page - National Semiconductor (TI) LM3311 Datasheet HTML 12Page - National Semiconductor (TI) LM3311 Datasheet HTML 13Page - National Semiconductor (TI) LM3311 Datasheet HTML 14Page - National Semiconductor (TI) LM3311 Datasheet HTML 15Page - National Semiconductor (TI) LM3311 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Typical Performance Characteristics (Continued)
Power NMOS R
DSON vs. Input Voltage
660kHz Max. Duty Cycle vs. Input Voltage
20126375
20126391
1.28MHz Max. Duty Cycle vs. Input Voltage
660kHz Max. Duty Cycle vs. Temperature
20126383
20126390
1.28MHz Max. Duty Cycle vs. Temperature
1.28MHz Application Efficiency
20126376
20126382
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com