Electronic Components Datasheet Search
  English  ▼

X  

LM3311 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3311
Description  Step-Up PWM DC/DC Converter with Integrated LDO, Op-Amp, and Gate Pulse Modulation Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3311 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3311 Datasheet HTML 13Page - National Semiconductor (TI) LM3311 Datasheet HTML 14Page - National Semiconductor (TI) LM3311 Datasheet HTML 15Page - National Semiconductor (TI) LM3311 Datasheet HTML 16Page - National Semiconductor (TI) LM3311 Datasheet HTML 17Page - National Semiconductor (TI) LM3311 Datasheet HTML 18Page - National Semiconductor (TI) LM3311 Datasheet HTML 19Page - National Semiconductor (TI) LM3311 Datasheet HTML 20Page - National Semiconductor (TI) LM3311 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Typical Performance Characteristics (Continued)
GPM Transient Waveforms
GPM Transient Waveforms
20126398
VGH = 20V, VDPM = 3.3V, CVGHM = 4.7nF, RE = 2.4kΩ,CE = open, R1 =
13k
Ω, R2 = 1.2kΩ, VFLK at 50% duty cycle and 30kHz
1) VFLK, 2V/div, DC
3) VGHM, 5V/div, DC
T = 4µs/div
20126310
VGH = 20V, VDPM = 3.3V, CVGHM = 4.7nF, RE = 750Ω,CE = open, R1 =
13k
Ω, R2 = 1.2kΩ, VFLK at 50% duty cycle and 64kHz
1) VFLK, 2V/div, DC
3) VGHM, 5V/div, DC
T = 2µs/div
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com