Electronic Components Datasheet Search
  English  ▼

X  

SLE10 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # SLE10
Description  SLE10 Expert Series Slot Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLE10 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  SLE10 Datasheet HTML 1Page - Banner Engineering Corp. SLE10 Datasheet HTML 2Page - Banner Engineering Corp. SLE10 Datasheet HTML 3Page - Banner Engineering Corp. SLE10 Datasheet HTML 4Page - Banner Engineering Corp. SLE10 Datasheet HTML 5Page - Banner Engineering Corp. SLE10 Datasheet HTML 6Page - Banner Engineering Corp. SLE10 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Datasheet
Self-Contained Opposed-Mode Sensor Pair with Teach Mode
• An easy-to-use, self-contained opposed-mode sensor pair in a rugged U-shaped housing
• Easy push-button programming automatically adjusts sensitivity to optimal setting
• Dynamic TEACH programming option provides on-the-fly convenience and minimizes the effects of
web flutter
• Separate TEACH input allows remote programming by an external device, such asa switch or a process
controller
• Easy output programming eliminates the need for Light or Dark Operate selection
• Choose fast 500 microsecond or 150 microsecond output response
• 1 mm effective beam
• Visible red beam
• Molded-in beam guides simplify beam placement
• 10 mm (0.39 in) slot width for a wide variety of sensing applications
• Applications include label detection, hole detection, edge guiding and counting, and small parts
detection
• 10 V dc to 30 V dc operation
• Bipolar PNP/NPN outputs
• Choose integral, unterminated cable or QD models
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death. This device
does not include the self-checking redundant circuitry necessary to allow its use in personnel safety applications. A sensor failure
or malfunction can cause either an energized or de-energized sensor output condition.
Models
Models
Sensing Beam
Slot Width
Cable1
Supply Voltage
Output Type
Response
Repeatability
SLE10B6V
Visible red, 680 nm
10.0 mm (0.39 in)
2 m (6.5 ft) 5-wire
cable
10 V dc to 30 V dc
Bipolar NPN
and PNP
500
microseconds
100 microseconds
SLE10B6VQ
5-Pin Euro-style QD
SLE10B6VY
2 m (6.5 ft) 5-wire
cable
150
microseconds
75 microseconds
SLE10B6VYQ
5-Pin Euro-style QD
Overview
The SLE10 Expert Slot Sensor (sometimes called a fork sensor) comprises an opposed-mode emitter and its receiver inside a single convenient housing.
Opposed-mode sensing is very reliable, and the single self-contained housing provides easy installation, with no sensor alignment required. In addition,
the molded-in arrow on the emitter portion of the housing and the slotted design on the receiver portion of the housing show at a glance the position of
the beam, simplifying installation placement.
Expert series sensors feature easy-to-use push-button programming, performed in TEACH mode. TEACH-mode programming may be performed using
either the push button, or remotely, using a remote switch or process controller. The programming determines whether the sensor outputs will conduct
in light or dark conditions, and defines the light and dark conditions for the sensor in each application. The remote switch also may be used to disable the
programming push button for security.
The Dynamic TEACH option provides a means for teaching a series of conditions; the sensor monitors the sensing events and automatically sets the
threshold between light and dark conditions.
1 To order the 9 m (30 ft) PVC cable model, add the suffix "W/30" to the cabled model number. For example, SLE10B6V W/30. Models with a quick disconnect
require a mating cordset.
SLE10 Expert Series Slot Sensor
Original Document
60378 Rev. A
3 April 2017
60378


Similar Part No. - SLE10

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SLE10A2-5 COPAL-SLE10A2-5 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
SLE10A2-6 COPAL-SLE10A2-6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
SLE10A2-7 COPAL-SLE10A2-7 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
SLE10A2-8 COPAL-SLE10A2-8 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
SLE10A2-9 COPAL-SLE10A2-9 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
More results

Similar Description - SLE10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDC112Y-250 ETC2-DDC112Y-250 Datasheet
1Mb / 2P
PCB FOOTPRINT EXPERT
logo
Keysight Technologies
COMMANDEXPERT KEYSIGHT-COMMANDEXPERT Datasheet
2Mb / 9P
Command Expert
logo
Banner Engineering Corp...
D10 BANNER-D10_V04 Datasheet
653Kb / 12P
D10 Expert Series - Small Object Counter
DF-G2X-KD-Q5 BANNER-DF-G2X-KD-Q5 Datasheet
115Kb / 1P
DF-G2x-KD-Q5 Expert
SME312 BANNER-SME312 Datasheet
1Mb / 13P
MINI-BEAM SME312 Expert Series
R58E BANNER-R58E Datasheet
582Kb / 11P
R58E Series Expert??Registration Mark Sensors
SL30 BANNER-SL30 Datasheet
426Kb / 4P
SL30 Series Slot Sensor
SLE30 BANNER-SLE30 Datasheet
450Kb / 7P
SLE30 Expert Series Slot Sensor
logo
PHOENIX CONTACT
1209091 PHOENIX-1209091 Datasheet
60Kb / 3P
Voltage tester - DUSPOL EXPERT
09/11/2020
logo
Fluke Corporation
FLUKE-931-ESP FLUKE-FLUKE-931-ESP Datasheet
3Mb / 6P
Environmental expert series
3/2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com