Electronic Components Datasheet Search
  English  ▼

X  

SLE10 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SLE10
Description  SLE10 Expert Series Slot Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLE10 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SLE10 Datasheet HTML 1Page - Banner Engineering Corp. SLE10 Datasheet HTML 2Page - Banner Engineering Corp. SLE10 Datasheet HTML 3Page - Banner Engineering Corp. SLE10 Datasheet HTML 4Page - Banner Engineering Corp. SLE10 Datasheet HTML 5Page - Banner Engineering Corp. SLE10 Datasheet HTML 6Page - Banner Engineering Corp. SLE10 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Receiver (Beam Aligns at Groove)
Power ON LED
Output LED
Emitter
TEACH
Pushbutton
Figure 1. Features
Register Mark Detection on Clear Film
Packaging Film
Register Marks
Label Detection
Figure 2. SLE10 Expert Typical Applications
Wiring Diagrams
3
1
2
4
5
10-30V dc
Remote
Teach
Load
Load
+
–
Note: Quick disconnect (QD) wiring diagrams are functionally identical.
Run Mode
Normal operation of the SLE10 Expert is called RUN mode. The two LED indicators (bi-color green/red and amber) operate as follows in RUN Mode:
Green (RUN Mode)
ON steady whenever power is applied
Flashes as received light level approaches the switching threshold (stability indicator. The stability indicator signals when maintenance or
reprogramming is needed during RUN mode.)
Amber (Output)
ON when the outputs are energized (conducting)
OFF when the outputs are de-energized (not conducting)
If contrast is marginal, the bi-color indicator flashes green (to indicate instability). Reprogramming the sensor, or cleaning the sensor lenses may solve a
problem with stability.
TEACH Mode
Program the SLE10 Expert—set the sensitivity and select output ON and OFF conditions—in TEACH Mode. The SLE10 Expert provides two methods for
programming: Static TEACH and Dynamic TEACH. Static TEACH is used in all programming situations to set up the sensor's output ON and output OFF
conditions. Sensitivity is then set using either the Static method or the Dynamic method.
Both Static TEACH and Dynamic TEACH may be performed using either the sensor's TEACH push button or the remote TEACH line.
SLE10 Expert Series Slot Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 60378 Rev. A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com