Electronic Components Datasheet Search
  English  ▼

X  

SLE10 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SLE10
Description  SLE10 Expert Series Slot Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SLE10 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SLE10 Datasheet HTML 1Page - Banner Engineering Corp. SLE10 Datasheet HTML 2Page - Banner Engineering Corp. SLE10 Datasheet HTML 3Page - Banner Engineering Corp. SLE10 Datasheet HTML 4Page - Banner Engineering Corp. SLE10 Datasheet HTML 5Page - Banner Engineering Corp. SLE10 Datasheet HTML 6Page - Banner Engineering Corp. SLE10 Datasheet HTML 7Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Remote Programming
The gray wire of the SLE10 Expert may be connected to a remote switch or
process controller to disable or enable the push button (four-pulse) or to
program the sensor (single-pulse) through TEACH mode. Remote
programming may be done for both the Static and Dynamic TEACH
procedures.
A remote programming switch is connected between the gray wire and dc
common (see the wiring diagram). The switch may be either a normally-
open contact, or an open-collector NPN transistor with its emitter
connected to dc common.
Programming is accomplished using a specified sequence of input pulses.
The duration of each pulse is defined as: 0.04 seconds < T < 0.8 seconds.
The required spacing between adjacent pulses in a sequence (a “four-
pulse”) is also: 0.04 < T < 0.8 seconds. The timing diagrams illustrate the
input requirements.
To pulse the TEACH line, momentarily connect the remote wire to dc
common (no press-and-hold procedure is required to enter TEACH mode).
This is the equivalent of a click when using the sensor TEACH push button.
Single-
Pulse
Input
Wait > 0.8 seconds
before next input
0.04 sec < T < 0.8 sec
T
Four-
Pulse
Input
Wait > 0.8 seconds
before next input
T
T
T
T
T
T
T
Figure 3. Timing Programs for Remote Programming
Enable/Disable the Push Button
When remote programming is used exclusively, it may be beneficial to disable the push button on the SLE10 Expert to increase the security of the
settings. The push button can be enabled and/or disabled via the remote line only. If the push button is disabled, TEACH mode cannot be accessed from
the push button.
Pulse the Remote TEACH line four times (four-pulse) to enable or disable the push button.
Static TEACH
Determine the Output ON and OFF Conditions
The two sensing conditions may be presented in either order. The condition presented first is the condition for which the outputs will energize (the
Output ON target).
Set Sensitivity
Sensitivity is automatically set (and optimized) when teaching the sensor the ON and OFF conditions. When the push button is clicked, the sensor
samples each sensing condition and registers it into memory. After the second sensing condition is registered, the SLE10 Expert automatically sets the
sensitivity to the optimum value for the application, and then returns to RUN mode.
LED Indicators
The two LED indicators (bi-color green/red and amber) operate as follows in TEACH Mode:
Red (TEACH Mode)
Lights when the sensor sees its modulated light source; pulse rate is proportional to the received light signal strength during TEACH
programming
Amber (Output)
ON to indicate TEACH output ON condition
OFF to indicate TEACH output OFF condition
Signal Strength Indicator
The Signal Strength indicator is Banner's exclusive AID™ (Alignment Indicating Device). Its pulse rate increases as the received light signal strength
increases (during programming). This feature simplifies accurate alignment during TEACH mode, and gives a relative indication of sensing contrast
between the light and dark conditions.
Static TEACH
1. Enter TEACH mode.
Method
Action
Result
Push Button2
Press and hold the TEACH button until the bi-color (green/red) indicator begins to flash
red, or turns OFF (longer than two seconds).
Indicator Status
Amber: ON
Red: Pulses to indicate relative received signal
strength.
2 The sensor returns to RUN mode if the first TEACH condition is not registered within 90 seconds. TEACH mode may be cancelled before either condition #1 or #2
by pressing the button for longer than or equal to 2 seconds. If push button is pressed for 2 seconds or longer, sensor automatically returns to RUN mode.
SLE10 Expert Series Slot Sensor
P/N 60378 Rev. A
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com