Electronic Components Datasheet Search
  English  ▼

X  

LX21 Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # LX21
Description  LX Series Part-Sensing Light Screen
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LX21 Datasheet(HTML) 5 Page - Banner Engineering Corp.

  LX21 Datasheet HTML 1Page - Banner Engineering Corp. LX21 Datasheet HTML 2Page - Banner Engineering Corp. LX21 Datasheet HTML 3Page - Banner Engineering Corp. LX21 Datasheet HTML 4Page - Banner Engineering Corp. LX21 Datasheet HTML 5Page - Banner Engineering Corp. LX21 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dimensions
LED 1
LED 2
36 mm
(1.4")
10.3 mm
(0.4")
L
31.8 mm
(1.25")
25.4 mm
(1.00")
16.8 mm
(0.66")
10.6 mm
(0.42")
14.0 mm
(0.55")
5.9 mm
(0.23")
2.3 mm
(0.09")
1.8 mm
(0.07")
1.8 mm
(0.07")
NOTE: (2) T-nuts and
(2) M5 - 0.8 x 8 screws
are included with each
sensor
M3 x 0.5 x 5 (4)
max. torque 1.1 Nm
(10 in-lbs)
Model
Length (L)
LX3
113.4 mm (4.46 in)
LX6
189.6 mm (7.46 in)
LX9
265.8 mm (10.46 in)
LX12
342.0 mm (13.46 in)
LX15
418.2 mm (16.46 in)
LX18
494.4 mm (19.46 in)
LX21
570.6 mm (22.46 in)
LX24
646.8 mm (25.46 in)
Accessories
Quick-Disconnect (QD) Cables
5-Pin Threaded M12/Euro-Style Cordsets—with Shield
Model
Length
Style
Dimensions
Pinout (Female)
MQDEC2-506
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDEC2-515
4.57 m (15 ft)
MQDEC2-530
9.14 m (30 ft)
MQDEC2-550
15.2 m (50 ft)
MQDEC2-506RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDEC2-515RA
4.57 m (15 ft)
MQDEC2-530RA
9.14 m (30 ft)
MQDEC2-550RA
15.2 m (50 ft)
Mounting Brackets
SMBLX
•
End-cap brackets; set of 2
•
Zinc-plated cold rolled steel
•
Hardware included for
mounting brackets to
sensor
Hole center spacing: A = 12.7
Hole size: A = ø 4.3
40
25
A
13
SMBLXR
•
Back-mount bracket for
secure one-end mounting
•
Zinc-plated cold rolled steel
•
Hardware included for
mounting bracket to sensor
Hole center spacing: A , B = 63.5, A to
B = 10.2
Hole size: A , B = 5.2 x 11.6
53
35
38
A
B (x2)
LX Series Part-Sensing Light Screen
P/N 108865 rev. E
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com