Electronic Components Datasheet Search
  English  ▼

X  

LX21 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LX21
Description  LX Series Part-Sensing Light Screen
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LX21 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LX21 Datasheet HTML 1Page - Banner Engineering Corp. LX21 Datasheet HTML 2Page - Banner Engineering Corp. LX21 Datasheet HTML 3Page - Banner Engineering Corp. LX21 Datasheet HTML 4Page - Banner Engineering Corp. LX21 Datasheet HTML 5Page - Banner Engineering Corp. LX21 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
For Sensing Small or Flat Parts at High Speeds
• Emitter and receiver pair produce a strobed web of modulated light beams, in 8 lengths, 2
sensing ranges
• Simple, economical and highly reliable means of sensing small parts or flat items which pass
anywhere through the light screen
• Fast response, output includes a 5-millisecond pulse stretcher for interfacing reliability
• Simple wiring configuration; emitter and receiver do not need a synchronization wire
• Rugged, self-contained and compact construction; rated IEC IP65
• Bipolar design offers both NPN (current sinking) and PNP (current sourcing) solid-state outputs
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Models
Short-Range Models1
75 mm to 200 mm (3 in to 8 in)
5.6 mm dia. Minimum Object Detection
Size
Standard-Range Models
150 mm to 2 m (6 in to 6.5 ft)
9.5 mm dia. Minimum Object Detection
Size
Sensing Array Length
Cable2
Supply Voltage
Output Type
LX3ESR Emitter
LX3RSR Receiver
LX3E Emitter
LX3R Receiver
67 mm (2.6 in)
2 m (6.5 ft) 5-
wire Integral
cable
10 to 30 V dc
Bipolar NPN/PNP
LX6ESR Emitter
LX6RSR Receiver
LX6E Emitter
LX6R Receiver
143 mm (5.6 in)
—
LX9E Emitter
LX9R Receiver
218 mm (8.6 in)
LX12ESR Emitter
LX12RSR Receiver
LX12E Emitter
LX12R Receiver
295 mm (11.6 in)
—
LX15E Emitter
LX15R Receiver
371 mm (14.6 in)
—
LX18E Emitter
LX18R Receiver
447 mm (17.6 in)
—
LX21E Emitter
LX21R Receiver
523 mm (20.6 in)
—
LX24E Emitter
LX24R Receiver
599 mm (23.6 in)
1 Additional sizes available on request; contact Banner Engineering.
2 Integral cable models are listed.
•
To order the 5-pin M12/Euro-style 150 mm (6 in) cable model, add suffix “Q” to model number (for example, LX3EQ).
•
Models with a quick disconnect require a mating cordset.
LX Series Part-Sensing Light Screen
Original Document
108865 rev. E
25 September 2017
108865


Similar Part No. - LX21

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LX21 BANNER-LX21 Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
logo
NXP Semiconductors
LX2160A NXP-LX2160A Datasheet
319Kb / 2P
COMPLETE ENABLEMENT, RICH ECOSYSTEM
October 2018
LX2160A-RDB NXP-LX2160A-RDB Datasheet
319Kb / 2P
COMPLETE ENABLEMENT, RICH ECOSYSTEM
October 2018
logo
Microsemi Corporation
LX2172 MICROSEMI-LX2172 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
LX2173 MICROSEMI-LX2173 Datasheet
259Kb / 6P
1.25A HIGH-EFFICIENCY 100KHZ SWITCHING REGULATOR
More results

Similar Description - LX21

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LX200VB1R0M ETC1-LX200VB1R0M Datasheet
840Kb / 5P
LXA/LX Series
logo
KODENSHI_AUK CORP.
KVS1001 KODENSHI-KVS1001 Datasheet
47Kb / 1P
Visible Light Sensing Photodiode(a-Si)
logo
Everlight Electronics C...
APS-16D25-11-DF8-TR8 EVERLIGHT-APS-16D25-11-DF8-TR8 Datasheet
679Kb / 14P
Ambient light sensing
logo
ams AG
TSL2771 AMSCO-TSL2771 Datasheet
780Kb / 33P
LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
MRV Communications, Inc...
LX-1000T MRV-LX-1000T Datasheet
559Kb / 2P
LX Series
LX-4000T MRV-LX-4000T Datasheet
408Kb / 2P
LX Series
LX5260 MRV-LX5260 Datasheet
799Kb / 2P
LX Series
logo
Sharma Electro Componen...
LX SHARMA-LX Datasheet
343Kb / 2P
LX Series
logo
ams AG
TSL27721 AMSCO-TSL27721 Datasheet
848Kb / 56P
Light-to-Digital Converter with Proximity Sensing
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
Remote Control, Proximity, Ambient Light Sensing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com