Electronic Components Datasheet Search
  English  ▼

X  

LX21 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # LX21
Description  LX Series Part-Sensing Light Screen
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LX21 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  LX21 Datasheet HTML 1Page - Banner Engineering Corp. LX21 Datasheet HTML 2Page - Banner Engineering Corp. LX21 Datasheet HTML 3Page - Banner Engineering Corp. LX21 Datasheet HTML 4Page - Banner Engineering Corp. LX21 Datasheet HTML 5Page - Banner Engineering Corp. LX21 Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wiring Diagrams
bk
gy
bn
bu
wh
10 - 30V dc
shield*
Select
Reduced
0 - 2V dc
Load
Load
Normal
5-30V dc
bk
gy
bn
bu
wh
10 - 30V dc
shield*
Select
Reduced
0 - 2V dc
Normal
5-30V dc
No Connection
No Connection
Receiver
Emitter
*It is recommended that the shield wire be connected to earth ground or DC common.
Note: Wiring for cabled and quick disconnect (QD) models is functionally identical.
LX Series Part-Sensing Light Screen
P/N 108865 rev. E
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com