Electronic Components Datasheet Search
  English  ▼

X  

R58ECRGB1Q. Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # R58ECRGB1Q.
Description  R58E Series Expert??Registration Mark Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58ECRGB1Q. Datasheet(HTML) 1 Page - Banner Engineering Corp.

  R58ECRGB1Q. Datasheet HTML 1Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 2Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 3Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 4Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 5Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 6Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 7Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 8Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
Registration Mark Sensor with Three-Color Light Source
Features
• Ultra-fast 10 kHZ switching frequency
• Sensor automatically selects red, green, or blue LED during TEACH to optimize application contrast
• Outstanding color contrast sensitivity; detects 16 levels of gray scale
• Smart gain-control algorithm to maximize performance in low-contrast or high-gloss applications
• Easy to set, automatic Expert-style TEACH options include Static and Dynamic programming plus
manual adjustment for fine tuning
• Easy-to-read 8-segment light bar indicator for TEACH and signal strength readout, plus indicators
for continuous readout of output status and setup
• Fixed-convergent sensing at 10 mm ±3 mm (0.39 in ±0.12 in); rectangular sensing image measure
1.2 mm x 3.8 mm (0.05 in x 0.15 in) at 10 mm (0.39 in) from the lens
• Models available with either parallel or perpendicular sensing image
• Rugged zinc alloy die-cast housing with high-quality acrylic lens suitable for food processing
applications; rated IEC IP67, NEMA 6
• Easy selection of Light/Dark Operate (LO/DO), 30 ms pulse stretcher (OFF-delay), and 30 ms ON-
delay, using the push buttons or a remote input wire
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or death.
This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output
condition.
Models
Models
Cable1
Focus
Supply Voltage
Output
Type
Sensing Image Orientation
R58ECRGB1
5-wire 2 m (6.5 ft)
10 mm
(0.39 in)
10 V dc to 30 V dc Bipolar
NPN/PNP
Parallel to sensor length
R58ECRGB1Q8
5-pin Euro-style integral QD
R58ECRGB1Q
5-pin Euro-style 150 mm QD
R58ECRGB2
5-wire 2 m (6.5 ft)
Perpendicular to sensor length
R58ECRGB2Q8
5-pin Euro-style integral QD
R58ECRGB2Q
5-pin Euro-style 150 mm QD
1 Integral 2 m (6.5 ft) unterminated cable models are listed.
•
To order the 9 m (30 ft) PVC cable model, add the suffix "W/30" to the cabled model number. For example, R58ECRGB1 W/30.
•
Models with a quick disconnect require a mating cordset.
R58E Series Expert™ Registration Mark Sensors
Original Document
122928 Rev. D
12 April 2017
122928


Similar Part No. - R58ECRGB1Q.

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
R58 SUMIDA-R58 Datasheet
143Kb / 2P
Power Inductor
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
Circuit Breakers
logo
Kemet Corporation
R58 KEMET-R58 Datasheet
627Kb / 21P
R58, Class X1, THB Grade IIIB, 600 VAC, 110°C (Automotive Grade)
7/10/2022
logo
NTE Electronics
R58-10A NTE-R58-10A Datasheet
496Kb / 1P
Circuit Breakers
R58-12A NTE-R58-12A Datasheet
496Kb / 1P
Circuit Breakers
More results

Similar Description - R58ECRGB1Q.

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103K RICOH-RP103K Datasheet
26Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103N RICOH-RP103N Datasheet
24Kb / 1P
MARK INFORMATIONS SERIES MARK SPECIFICATION
R1180Q RICOH-R1180Q Datasheet
60Kb / 1P
SERIES MARK SPECIFICATION
R5511H RICOH-R5511H Datasheet
24Kb / 1P
MARK INFORMATION ME-R5511H-0510 R5511H SERIES MARK SPECIFICATION
logo
Omron Electronics LLC
E3ML-S2E4-G OMRON-E3ML-S2E4-G Datasheet
1Mb / 14P
Color Registration Mark Incandescent
E3SGS3B4 OMRON-E3SGS3B4 Datasheet
278Kb / 4P
Slotted Edge Registration Sensor
logo
Banner Engineering Corp...
R55F BANNER-R55F Datasheet
333Kb / 12P
R55F Series Fiber-Optic Color Mark Sensors
R58A BANNER-R58A Datasheet
390Kb / 5P
R58A Series Registration Mark Sensors
R58B BANNER-R58B Datasheet
1Mb / 8P
R58B Registration Mark Sensor
logo
Fluke Corporation
FLUKE-931-ESP FLUKE-FLUKE-931-ESP Datasheet
3Mb / 6P
Environmental expert series
3/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com