Electronic Components Datasheet Search
  English  ▼

X  

R58ECRGB1Q. Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # R58ECRGB1Q.
Description  R58E Series Expert??Registration Mark Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58ECRGB1Q. Datasheet(HTML) 3 Page - Banner Engineering Corp.

  R58ECRGB1Q. Datasheet HTML 1Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 2Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 3Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 4Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 5Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 6Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 7Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 8Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Installation
Install the Lens
The lens may be installed at either of two lens ports (see Figure 2 on page 3). The lens and the lens port cap are both threaded and
may be exchanged by hand; no tools are required. The lens and cap both include an o-ring seal.
Note: The lens port cap must be installed on the unused port for reliable operation. Fully seat the lens cap to ensure
a liquid-tight seal.
Mounting Considerations
The R58 Expert includes a total of eight size M5 threaded holes used for mounting. These threaded holes are positioned to match the
mounting hole patterns common to other registration mark sensors. The R58E includes four M5 x 0.8 x 6 mm stainless steel cap screws
and a hex key wrench.
The R58E focus is 10 mm (0.39 in) from the lens surface. The R58E must
be mounted within 3 mm (0.12 in) of this distance from the surface of the
material for reliable sensing (Figure 2 on page 3).
Consider the following when mounting the R58E:
• When sensing a registration mark on a reflective (shiny) material,
mount the R58E at an angle which places the lens centerline at
approximately 15° off perpendicular to the material’s surface
(Figure 4 on page 3). This minimizes strong direct reflections
(which tend to overwhelm the sensor), and allows the sensor to
discern the relatively small optical contrast offered by differences
in colors.
• Clear materials are poor reflectors of light. When sensing a mark
printed on a clear material (for example, a clear poly web),
position a reflective surface directly behind the clear material to
return light to the R58E. The printed mark, regardless of its color,
then becomes the dark condition, as it blocks the light from
reaching the reflective surface. Most clear materials are also
shiny; it is important to include a 15° skew angle when sensing
clear materials (Figure 4 on page 3).
• Whenever possible, sense a web material at a location where it
passes over a tension bar or roller, to minimize the adverse
effects of web “flutter” or sag (Figure 3 on page 3).
Cap
Lens
10 ± 3 mm
Lens
Cap
10 ± 3 mm
Surface of
Material
Figure 2. Mounting Distance and Lens Positions
90º
Roller or
Tension Bar
Opaque,
Non-reflective
Web Material
Focus Distance
10.0 mm (0.39")
Sensor
Mount the sensor perpendicular to
non-reflective (matte) materials
Figure 3. Mounting for Matte Material
Approximately 15º
Focus Distance
10.0 mm (0.39")
Mount the sensor at approximately 15° from perpendicular to
transparent and opaque reflective materials
Roller or
Tension Bar
Transparent or
Opaque Reflective
Web Material
Sensor
Figure 4. Mounting for Transparent and Opaque Material
R58E Series Expert™ Registration Mark Sensors
P/N 122928 Rev. D
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com