Electronic Components Datasheet Search
  English  ▼

X  

R58ECRGB1Q. Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # R58ECRGB1Q.
Description  R58E Series Expert??Registration Mark Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

R58ECRGB1Q. Datasheet(HTML) 2 Page - Banner Engineering Corp.

  R58ECRGB1Q. Datasheet HTML 1Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 2Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 3Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 4Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 5Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 6Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 7Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 8Page - Banner Engineering Corp. R58ECRGB1Q. Datasheet HTML 9Page - Banner Engineering Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Overview
R58 Expert offer maintenance-free, solid-state reliability for typical color
contrasts found in product and material registration applications. Fast 50-
microsecond sensing response produces excellent registration repeatability, even
in ultra-high-speed applications. This fast response, coupled with the small 1.2 x
3.8 mm (0.05 in x 0.15 in) sensing image, allows the detection of small and
inconspicuous registration marks.
R58E sensors feature TEACH mode sensitivity adjustment by presenting two
sensing conditions to the sensor. TEACH mode has two options: Static TEACH and
Dynamic TEACH. Static TEACH is used to position the two sensing conditions
individually. Dynamic TEACH provides a means for teaching a series of conditions
on-the-fly; the R58E samples the sensing events and automatically sets the
switchpoint between the lightest and darkest conditions. The sensor then
determines which sensing condition is present for the shortest time and assigns
the Output ON condition to that event (therefore, LO/DO selection is automatic).
If necessary, the LO/DO setting can be reversed in Setup mode.
The sensor uses a tri-color LED during either teach process and automatically
selects a red, green, or blue sensing beam, based on the contrast between the
registration mark and its background. For applications where the user wishes to
select the sensing beam color, individual colors may be enabled/disabled in Setup
mode.
Sensitivity may be fine-tuned at any time by clicking the “+” or “-” buttons on the
sensor. The eight-element barograph display clearly displays the relative received
signal strength. The discrete bipolar (one NPN and one PNP) outputs may be
configured in Setup mode to include a 30-millisecond ON-delay and/or OFF-delay,
if required.
Configuration is accomplished either by using the push-buttons on the sensor, or
by supplying input pulses using the remote input. The buttons may be disabled
using the remote input.
The construction of the R58E is extremely robust, with a die-cast metal housing,
plastic optics, IP67 and NEMA 6 leakproof design for harsh sensing environments.
Power LED
Output LED
Dynamic (+)
Push Button
Dark Operate
(DO) LED
Light Operate
(LO) LED
Static (-)
Push Button
ON-Delay LED
OFF-Delay LED
Switchpoint
8-Segment
Bargraph
Display
Figure 1. Sensor Features
Status Indicators
LED
Indicates
Power
On Green: Run mode
Off: TEACH or Setup mode
Output
On Amber: Output is conducting, or TEACH Output ON condition
Off: Output is not conducting, or TEACH Output OFF condition
Light Operate
On Green: Light Operate (LO) operation
Dark Operate
On Green: Dark Operate (DO) operation
OFF-Delay
On Green: 30 ms pulse stretcher (OFF-delay) is active
Off: No OFF-delay
ON-Delay
On Green: 30 ms ON-delay is active
Off: No ON-delay
8-Segment Bargraph
Display
On Red:
Run mode — Indicates signal strength with respect to the sensing threshold (switchpoint); higher
segment number for higher sensing contrast
TEACH mode — Indicates relative contrast
Setup mode — Displays sensing beam LED color (see Figure 8 on page 7)
Off: TEACH or Setup mode — Sensor configuration active
R58E Series Expert™ Registration Mark Sensors
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 122928 Rev. D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com