Electronic Components Datasheet Search
  English  ▼

X  

SA600 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SA600
Description  1GHz LNA and mixer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA600 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SA600 Datasheet HTML 9Page - NXP Semiconductors SA600 Datasheet HTML 10Page - NXP Semiconductors SA600 Datasheet HTML 11Page - NXP Semiconductors SA600 Datasheet HTML 12Page - NXP Semiconductors SA600 Datasheet HTML 13Page - NXP Semiconductors SA600 Datasheet HTML 14Page - NXP Semiconductors SA600 Datasheet HTML 15Page - NXP Semiconductors SA600 Datasheet HTML 16Page - NXP Semiconductors SA600 Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Philips Semiconductors
Product specification
NE/SA600
1GHz LNA and mixer
1993 Dec 15
60
16.5dB of gain with 2dB of noise figure. In this mode the current
consumption is increased to 13mA. But for hand-held equipment,
the average current consumption will be closer to 5-6mA. The other
advantage of the LNA through mode besides power savings is the
input overload characteristics. Due to the much higher input third
order intercept point of the LNA (+26dBm), the receiver is immune to
strong adjacent channel interference. Implementing this feature with
an FM/IF device such as the NE625/7 with fast RSSI response and
a window comparator toggling the LNA mode of NE/SA600, a fast
two-step AGC with response time less than 10
µs can be achieved.
This is a very useful feature to equalize multipath fading effects in a
mobile radio system.
In conclusion, the NE/SA600 offers higher level of integration, higher
reliability, higher level of performance, ease of use, simpler system
design at a cost lower than the discrete multi-transistor
implementations. In addition, the NE/SA600 provides unique
features to enhance receiver performance which are almost
unattainable with discrete implementations.
14
13
12
11
4
3
2
1
NE/SA600
10
9
8
7
6
5
BANDPASS
FILTER
LO INPUT
BYPASS
RF
INPUT
900MHz
10nF
100pF
0.1
µF
MIXER IN
RF OUT
IF OUT
470nH
100pF
100pF
100pF
C6
10nF
C2
4.7pF
C7
10nF
10
µH
L3
R2
1k
Ω
L2
C8
C9
IN
OUT
VC
C
GNDB
RF INA
GNDA1
VCCMX
GNDMX
IFOUT
RF INMX
BYPASS
GNDLO
LOIN
GNDA2
ENABLE
RF OUTA
R1
1k
Ω
S1
C5
15nH
L1
C3
C4
VCC
VCC
C1
SR00093
Figure 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com