Electronic Components Datasheet Search
  English  ▼

X  

MEC1633 Datasheet(PDF) 3 Page - Microchip Technology

Part # MEC1633
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1633 Datasheet(HTML) 3 Page - Microchip Technology

  MEC1633 Datasheet HTML 1Page - Microchip Technology MEC1633 Datasheet HTML 2Page - Microchip Technology MEC1633 Datasheet HTML 3Page - Microchip Technology MEC1633 Datasheet HTML 4Page - Microchip Technology MEC1633 Datasheet HTML 5Page - Microchip Technology MEC1633 Datasheet HTML 6Page - Microchip Technology MEC1633 Datasheet HTML 7Page - Microchip Technology MEC1633 Datasheet HTML 8Page - Microchip Technology MEC1633 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
 2014 Microchip Technology Inc.
DS00001775B-page 3
MEC1633
Tool Requirements
For information on the latest version of the Metaware Development system, please see Application Note #26.14, “ARC
Metaware Development System.”
Description
The MEC1633 is the mixed signal base component of a multi-device advanced I/O controller architecture.
The
MEC1633 incorporates a high-performance 32-bit ARC 625D embedded microcontroller with a 192 Kilobyte Embedded
Flash Subsystem, 16 Kilobytes of SRAM, 1 Kilobyte EEPROM emulation, and a 2 Kilobyte EEPROM. The MEC1633
communicates with the system host using the Intel® Low Pin Count bus.
The MEC1633 is the EC Base Component of a split-architecture Advanced I/O Controller system which uses BC-Link
communication protocol to access up to three companion components. The BC-Link protocol is peer-to-peer providing
communication between the MEC1633 embedded controller and registers located in a companion.
The MEC1633 is directly powered by two separate suspend supply planes (VBAT and VTR) and senses a third runtime
power plane (VCC) to provide “instant on” and system power management functions. The MEC1633 also contains an
integrated VTR Reset Interface and a system Power Management Interface that supports low-power states and can
drive state changes as a result of hardware wake events as defined by the MEC1633 Wake Interface.
The MEC1633 defines a software development system interface that includes an MCU Serial Debug Port, a two pin
serial debug port with a 16C550A register interface that is accessible to the EC or to the LPC host and can operate up
to 2 MB/s, a flexible Flash programming interface, a Port 80 BIOS Debug Port, Gang Programmer Interface, and a JTAG
interface. The EC can also drive the JTAG interface as a master.
A top-level block diagram of the MEC1633 is shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com