Electronic Components Datasheet Search
  English  ▼

X  

MEC1633 Datasheet(PDF) 9 Page - Microchip Technology

Part # MEC1633
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1633 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MEC1633 Datasheet HTML 3Page - Microchip Technology MEC1633 Datasheet HTML 4Page - Microchip Technology MEC1633 Datasheet HTML 5Page - Microchip Technology MEC1633 Datasheet HTML 6Page - Microchip Technology MEC1633 Datasheet HTML 7Page - Microchip Technology MEC1633 Datasheet HTML 8Page - Microchip Technology MEC1633 Datasheet HTML 9Page - Microchip Technology MEC1633 Datasheet HTML 10Page - Microchip Technology MEC1633 Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
 2014 Microchip Technology Inc.
DS00001775B-page 9
MEC1633
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MEC1633, MEC1633x
Temperature
Range:
Blank
=
0
°C to +70°C
x=
0
°C to +85°C
(Extended Commercial)
Package:
AUE
=
169-pin LFBGA
Tape and Reel
Option:
Blank
= Standard packaging (tray)
TR
= Tape and Reel(1)
Examples:
a)
MEC1633-AUE
169-pin LFBGA (11mm x 11mm x 0.8 pitch)
RoHS Compliant package
b)
MEC1633x-AUE
169-pin LFBGA (11mm x 11mm x 0.8 pitch)
RoHS Compliant package with extended
temperature rating
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 4,000.
PART NO.
[X]
XXX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com