Electronic Components Datasheet Search
  English  ▼

X  

MEC1633 Datasheet(PDF) 5 Page - Microchip Technology

Part # MEC1633
Description  Low Power 32-Bit Mobile Embedded Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1633 Datasheet(HTML) 5 Page - Microchip Technology

  MEC1633 Datasheet HTML 1Page - Microchip Technology MEC1633 Datasheet HTML 2Page - Microchip Technology MEC1633 Datasheet HTML 3Page - Microchip Technology MEC1633 Datasheet HTML 4Page - Microchip Technology MEC1633 Datasheet HTML 5Page - Microchip Technology MEC1633 Datasheet HTML 6Page - Microchip Technology MEC1633 Datasheet HTML 7Page - Microchip Technology MEC1633 Datasheet HTML 8Page - Microchip Technology MEC1633 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
 2014 Microchip Technology Inc.
DS00001775B-page 5
MEC1633
BLOCK DIAGRAM
FIGURE 1:
MEC1633 TOP-LEVEL BLOCK DIAGRAM
CPU Voltage
VBAT
LAD[3:0]
LFRAME#,
LRESET#,
PCI_CLK
nSMI
SER_IRQ,
nCLKRUN
nRESET_OUT
VCC_PWRGD
VR_CAP
JTAG_RST#
JTAG_TDI
JTAG_TMS
JTAG_CLK
UART_RX
UART_TX
16550
(UART)
debug port
LPC
Interface
& Host
Interrupt
Interface
JTAG
Master
and
Slave
Clock
Generation
&
PM I/F
32 KHz
Oscillator
VBAT
Legacy
(Fast_KB)
Port 92, CPU_Reset, GateA20
KBRST*
A20M*
JTAG_TDO
vcc
Host
Configuration
Space
Access Port
Configuration
Registers
LPC ACCESS
EC ACCESS
ARC 625D
Embedded
Controller (EC)
Subsystem
JTAG ACCESS
System
Reset
Power
control
Voltage
Regulator
Reset
Interface &
Power Mux
PS2_CLK[2:0]*
ECGP_SIN
GPIO*
General Purpose
I/O Interface
General
Purpose SPI
Interface
Notes
1) All blocks powered by VTR except where noted.
2) Signals with unique electrical requirements are
highlighted.
3) Asterisks (*) denote multiplexed signal
functions.
64 byte memory
VBAT
VBAT
Alarm Wake
Hibernation Timer
x2
WDT
Power Fail Reg
VBAT
ECGP_SCLK
ECGP_SOUT
Embedded
Flash
Flash
Program-
ming
&
Securitty
GPTP-IN[7:0],
GPTP-OUT[7:0]
VTR
VSS
16-Bit Counter/
Timers
ACPI
PM
MSG
I/F
ACPI
EC
MSG
I/F
(x4)
Interrupt
Accelerator
16 K Byte
SRAM
SMBus
Interface
PWM &
Fan Tachometer
Interface
Input Capture
Compare Timer
vcc
8042
Host
MSG
I/F
SMB[11:00]_DATA*,
SMB0[11:00]_CLK*
PS2_DAT[2:0]*
PS/2 Interface
BCM_DAT[A,B,D]
BCM_CLK[A,B,D],
BCM_INT#[A,B,D]
BC-Link
Interface
1 LS-Master
2 HS-Masters
KSO[17:0]
KSI[7:0]
Keyboard
Scan
10 Channel
DMA
Analog
Data
Acquisition
CPU
Voltage
PECI
SB-TSI_CLK
SB-TSI_DAT
RC_ID
Analog
RC_ID
FLSCLK, FLSOUT,
FLSIN,FLSCS#
Flash
SPI
EM
I/F
RESETO#
RESETI#
BIOS
Debug
Port
(x2)
Mail-
box
Reg-
isters
I/F
CEC_IN, CEC_OUT
HDMI-CEC
MSDATA, MSCLK
Trace FIFO
Debug Port
LED[2:0]
Blink/Breath LED
Thermal Montitor
Interface
DP[3:1]_DN[4:6]
DN[3:1]_DP[4:6]
VIN, VSET
VCI
SYS_SHDN#
GANG_DATA[7:0]
Gang
Programmer
GANG_ERR,BUSY,FULL
GANG_STROBE,START,
MODE
UART_CLK
XTAL2
XTAL1
VBAT
RTC
VCI_OUT, BGPO[5:0]
VCI_IN[5:0]#,
VCI_OVRD_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com