Electronic Components Datasheet Search
  English  ▼

X  

K30 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # K30
Description  EZ-LIGHT짰 Touch Gen 2 K30 Series Illuminated Multipurpose Buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K30 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  K30 Datasheet HTML 1Page - Banner Engineering Corp. K30 Datasheet HTML 2Page - Banner Engineering Corp. K30 Datasheet HTML 3Page - Banner Engineering Corp. K30 Datasheet HTML 4Page - Banner Engineering Corp. K30 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet
General Purpose Multicolor Indicator with Independent Momentary Touch Button Output
• Excellent immunity to false triggering by water spray, detergents, oils, and other foreign materials
• Rugged, cost-effective, and easy-to-install multicolor indicator with touch button
• Waterproof DIN IP69K construction for washdown environments
• Two or three independent colors in one unit: Color 3 overrides Colors 1 and 2, Color 2 overrides Color 1
• Available with PNP and NPN inputs/outputs, depending on model
• Ergonomically designed to eliminate hand, wrist, and arm stresses associated with repeated switch operation;
require no physical force to operate
• Can be actuated with bare hands or gloves
• Five color options available
• 12 V dc to 30 V dc operation
• Terminal connection models available for panel wiring applications
Models: 1 and 2 Colors
Family
K30
G = Green
P = PNP
R = Red
Y = Yellow
B = Blue
F2 = Input activates Color 2.
Touch changes output state.
W = White
X = Not Used
G
R
P
F2
Color
2
Input
Active
Input/Output
Function
A = Normally
Open
A
Blank = 2 m Integral Cable
Q = Integral 4-pin M12/Euro-style
Quick Disconnect (QD) *
QP = 150 mm (5.9 in) cable with
4-pin M12/Euro-style
Quick Disconnect (QD) *
T = Terminal Screws
Q
Connection
* QD model requires mating cordset
T2 = Touch
T2
Activation
Method
Output
State
R = Normally
Closed
N = NPN
1
Power
Applied
Sample Model
Description
K30APT2XRF2Q
Normally open output state, momentary output function, PNP input and output. Color 1: None, Color 2: Red input
active; touch changes output state. Integral 4-pin M12/Euro-style quick disconnect.
K30ANT2GRF2T
Normally open output state, momentary output function, NPN input and output. Color 1: Green; power applied,
Color 2: Red input active; touch changes output state. Terminal screws.
Models: 3 Color
Family
K30
G = Green
P = PNP
R = Red
Y = Yellow
B = Blue
F2 = Inputs activate Colors 1, 2 and 3.
Colors independent of touch.
W = White
X = Not Used
G
R
P
F2
Color
2
Input/Output
Function
A = Normally
Open
A
Blank = 2 m Integral Cable
Q = Integral 8-pin M12/Euro-style
Quick Disconnect (QD) *
QP = 150 mm (5.9 in) cable with
8-pin M12/Euro-style
Quick Disconnect (QD) *
Q
Connection
* QD model requires mating cordset
T2 = Touch
T2
Activation
Method
Output
State
R = Normally
Closed
1
Y
3
Sample Model
Description
K30APT2GRYF2Q
Normally open output state, momentary output function, PNP input and output. Color 1: Green, Color 2: Red,
Color 3: Yellow. Color 3 overrides colors 1 and 2, color 2 overrides color 1. Touch changes output state. Integral
8-pin M12/Euro-style quick disconnect.
EZ-LIGHT® Touch Gen 2 K30 Series Illuminated
Multipurpose Buttons
Original Document
189825 Rev. G
9 August 2018
189825


Similar Part No. - K30

ManufacturerPart #DatasheetDescription
logo
StarHope
K30 SPSEMI-K30 Datasheet
1Mb / 3P
Radial leaded Devices
logo
Banner Engineering Corp...
K30 BANNER-K30 Datasheet
459Kb / 5P
EZ-LIGHT® Touch Gen 2 K30 FDA-Grade Series Illuminated Multipurpose Buttons
K30 BANNER-K30 Datasheet
219Kb / 4P
EZ-LIGHT짰 K30 Series Pick-to-Light Sensors
K30 BANNER-K30 Datasheet
325Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Pick-to-Light
K30 BANNER-K30 Datasheet
326Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Illuminated Buttons
More results

Similar Description - K30

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K30 BANNER-K30 Datasheet
459Kb / 5P
EZ-LIGHT® Touch Gen 2 K30 FDA-Grade Series Illuminated Multipurpose Buttons
K30 BANNER-K30_V02 Datasheet
389Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 Series Illuminated Buttons
K30 BANNER-K30_V03 Datasheet
376Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 Series Pick-to-Light
K30 BANNER-K30_V04 Datasheet
317Kb / 4P
EZ-LIGHT짰 Touch K30 Series Illuminated Multipurpose Buttons
K30 BANNER-K30_V05 Datasheet
337Kb / 4P
EZ-LIGHT짰 Touch K30 Series Illuminated Buttons
K30 BANNER-K30_V06 Datasheet
319Kb / 4P
EZ- LIGHT짰 Touch K30 Series Pick-to-Light
K30 BANNER-K30_V08 Datasheet
325Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Pick-to-Light
K30 BANNER-K30_V09 Datasheet
326Kb / 4P
EZ-LIGHT짰 Touch Gen 2 K30 FDA-Grade Illuminated Buttons
K70 BANNER-K70_V02 Datasheet
335Kb / 5P
EZ-LIGHT짰 Touch K70 Series Illuminated Multipurpose Buttons
K70 BANNER-K70_V03 Datasheet
346Kb / 5P
EZ-LIGHT짰 Touch K70 Series Illuminated Buttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com