Electronic Components Datasheet Search
  English  ▼

X  

K30 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # K30
Description  EZ-LIGHT짰 Touch Gen 2 K30 Series Illuminated Multipurpose Buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K30 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  K30 Datasheet HTML 1Page - Banner Engineering Corp. K30 Datasheet HTML 2Page - Banner Engineering Corp. K30 Datasheet HTML 3Page - Banner Engineering Corp. K30 Datasheet HTML 4Page - Banner Engineering Corp. K30 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wiring
1 and 2 Color Models
NPN
12-30V dc
–
+
1
3
2
4
Load
C2
PNP
12-30V dc
–
+
1
3
2
4
Load
C2
Wiring Key
1 = Brown
2 = White
3 = Blue
4 = Black
3 Color Model
PNP
2
7
–
+
1
3
4
5
6
8
C1
C2
C3
N/C
N/C
Load
12-30V dc
Wiring Key
1 = White
2 = Brown
3 = Green
4 = Yellow
5 = Gray
6 = Pink
7 = Blue
8 = Red
Note: Cabled wiring diagrams are shown. Quick disconnect wiring diagrams are functionally identical.
Specifications
Supply Voltage
12 V dc to 30 V dc
Supply Current
55 mA max current (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Touch Dwell Time
If a touch dwells for longer than 60 seconds, the output will revert back to the
untouched state.
Output Rating
Maximum Load: 150 mA
ON-state saturation voltage: < 2 V dc at 10 mA; <2.5 V dc at 150 mA
OFF-state leakage current: <10 µA at 30 V dc
Output Response Time
150 milliseconds On and Off
Power-Up Delay
300 milliseconds
Connections
Integral 4-pin or 8-pin M12/Euro-style male quick disconnect (QD); 2 m (6.5 ft) PVC
integral cable; 150 mm (6 in) PVC cable with a 4-pin or 8-pin M12/Euro-style male quick
disconnect (QD)
Construction
Housing: polycarbonate
Translucent dome: polycarbonate
Mounting nut: PBT
Mounting
M22 × 1.5 Threaded base, max torque 2.25 N·m (20 in-lbf)
EZ-LIGHT® Touch Gen 2 K30 Series Illuminated Multipurpose Buttons
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 189825 Rev. G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com