Electronic Components Datasheet Search
  English  ▼

X  

K30 Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # K30
Description  EZ-LIGHT짰 Touch Gen 2 K30 Series Illuminated Multipurpose Buttons
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K30 Datasheet(HTML) 3 Page - Banner Engineering Corp.

  K30 Datasheet HTML 1Page - Banner Engineering Corp. K30 Datasheet HTML 2Page - Banner Engineering Corp. K30 Datasheet HTML 3Page - Banner Engineering Corp. K30 Datasheet HTML 4Page - Banner Engineering Corp. K30 Datasheet HTML 5Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Indicator Characteristics
Color
Dominant Wavelength (nm) or Color
Temperature (CCT)
Lumen Output (Typical at 25 °C)
Green
520 - 535nm
4.4
Red
620 - 630nm
1.7
Yellow
585 - 595nm
4.4
Blue
465 - 475nm
1.0
White
5665 - 9000K
5.0
Environmental Rating
Rated IEC IP67, DIN IP69K
Cabled models also meet DIN IP69K if the cable and cable entrance are protected
from high-pressure spray. Indicator side of terminal models meet IEC IP67, and DIN
IP69K when installed in an enclosure.
Screw connection points meet IEC IP00.
Meets UL type 4X and 13, when used in a suitable enclosure.
Operating Conditions
–40 °C to +50 °C (–40 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Storage Temperature
–40 °C to +70 °C (–40 °F to +158 °F)
Vibration and Mechanical Shock
Vibration 10 Hz to 55 Hz 1.0 mm p-p amplitude per IEC 60068-2-6
Shock 30G 11 ms duration, half sine wave per IEC 60068-2-27
Certifications
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per the
supplied table.
Overcurrent protection may be provided with external fusing or via Current Limiting,
Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to
www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
Quick-Disconnect Models
Terminal Models
52.4
[2.06]
42
[1.65]
M22 X 1.5 -6g
Max. screw torque
0.11 Nm [1.0 lbf-in]
EZ-LIGHT® Touch Gen 2 K30 Series Illuminated Multipurpose Buttons
P/N 189825 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com