Electronic Components Datasheet Search
  English  ▼

X  

PVD Datasheet(PDF) 7 Page - Banner Engineering Corp.

Part # PVD
Description  PVD Series Parts Verification Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PVD Datasheet(HTML) 7 Page - Banner Engineering Corp.

  PVD Datasheet HTML 1Page - Banner Engineering Corp. PVD Datasheet HTML 2Page - Banner Engineering Corp. PVD Datasheet HTML 3Page - Banner Engineering Corp. PVD Datasheet HTML 4Page - Banner Engineering Corp. PVD Datasheet HTML 5Page - Banner Engineering Corp. PVD Datasheet HTML 6Page - Banner Engineering Corp. PVD Datasheet HTML 7Page - Banner Engineering Corp. PVD Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Accessories
Cordsets
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout (Female)
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
5-Pin Threaded M12/Euro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQDC1-501.5
0.50 m (1.5 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
5
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
MQDC1-506
1.83 m (6 ft)
MQDC1-515
4.57 m (15 ft)
MQDC1-530
9.14 m (30 ft)
Brackets
All measurements are listed in millimeters, unless noted otherwise.
Bracket Selection Table
Bracket Model
Requires Use of
Bracket Model(s)
May Be Used with
Bracket Model(s)
SMBPVD1
(included with
PVD System)
N.A.
SMBPVD100A(B)
SMBPVD225A(B)
SMBPVA2
SMBPVD100A(B)
SMBPVD225A(B)
N.A.
SMBPVD1
SMBPVA5(10)
SMBPVA9
SMBPVA2
SMBPVA5C
SMBPVA10C
N.A.
SMBPVD100A(B)
SMBPVD225A(B)
SMBPVA7
SMBPVA8
Bracket Model
Requires Use of
Bracket Model(s)
May Be Used with
Bracket Model(s)
SMBPVA9
N.A.
SMBPVD100A(B)
SMBPVD225A(B)
SMBPVA2
N.A.
SMBPVD100A(B)
SMBPVD225A(B)
SMBPVA7
SMBPVA5C
or
SMBPVA10C
SMBPVD100A(B)
SMBPVD225A(B)
SMBPVA8
SMBPVA5C
or
SMBPVA10C
SMBPVD100A(B)
SMBPVD225A(B)
NOTE: Standard mounting brackets are included with each PVD System. The following brackets are in addition to the
standard brackets.
SMBPVA2
•
Set of 4 molded brackets
•
Snaps onto standard 28 mm
(1.1 in) diameter pipe
•
2 required per sensor
SMBPVA7
•
One-piece bracket for mounting
to 28 mm (1.1 in) diameter
pipe
•
Black-painted steel
•
Requires SMBPVA..C for
mounting at an angle ±90°
A
B
C
32
51
41
A = M4 x 0.5, B = ø 5.2, C = ø 4.2
PVD Series Parts Verification Sensor
P/N 113230 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com