Electronic Components Datasheet Search
  English  ▼

X  

PVD Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # PVD
Description  PVD Series Parts Verification Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PVD Datasheet(HTML) 2 Page - Banner Engineering Corp.

  PVD Datasheet HTML 1Page - Banner Engineering Corp. PVD Datasheet HTML 2Page - Banner Engineering Corp. PVD Datasheet HTML 3Page - Banner Engineering Corp. PVD Datasheet HTML 4Page - Banner Engineering Corp. PVD Datasheet HTML 5Page - Banner Engineering Corp. PVD Datasheet HTML 6Page - Banner Engineering Corp. PVD Datasheet HTML 7Page - Banner Engineering Corp. PVD Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODE
Status
Indicators
Configuration
Switch Cover
Job Lights
(Error Lights)
Figure 1. Sensor features
0
0
10 mm
20 mm
30 mm
40 mm
50 mm
60 mm
70 mm
80 mm
90 mm
100 mm
110 mm
2.5 m
2 m
1.5 m
1 m
0.5 m
Range
Figure 2. Minimum object detection size (retroreflective operation)
Installation
Multiple sensors located farther than the sensor's maximum range from one another are unlikely to cause crosstalk problems. However,
when multiple sensors are mounted in a confined area, take care to avoid crosstalk between them. Alternate the relative position of adjacent
sensors and/or reflectors. Sensors positioned above or below one another should not create crosstalk difficulties. Mount the sensor and
reflector parallel.
Sensor
Reflector
Reflector
Sensor
Sensor
Sensor
Reflector
Reflector
Figure 3. Examples of Appropriate Positions
Figure 4. Example of Incorrect Position
PVD Series Parts Verification Sensor
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 113230 Rev. G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com