Electronic Components Datasheet Search
  English  ▼

X  

PVD Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # PVD
Description  PVD Series Parts Verification Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PVD Datasheet(HTML) 1 Page - Banner Engineering Corp.

  PVD Datasheet HTML 1Page - Banner Engineering Corp. PVD Datasheet HTML 2Page - Banner Engineering Corp. PVD Datasheet HTML 3Page - Banner Engineering Corp. PVD Datasheet HTML 4Page - Banner Engineering Corp. PVD Datasheet HTML 5Page - Banner Engineering Corp. PVD Datasheet HTML 6Page - Banner Engineering Corp. PVD Datasheet HTML 7Page - Banner Engineering Corp. PVD Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
Diffuse or Retroreflective Sensor for Error Proofing of Bin-Picking Operations
•
One-component system, easy to mount and even easier to use. Automatically operates in either diffuse or
retroreflective mode, depending on the application
•
Automatic setup and adjustment; wide beam pattern provides easy alignment
•
Range up to 2 m (6.5 ft) when used with retroreflective target; 400 mm (15.7 in) when used in diffuse mode
•
Large job lights on either side of the metal housing can be remotely controlled to initiate user action with a
solid or a blinking green light; job lights turn red to indicate bin-picking errors
•
Compact package size; only 30 mm wide × 15 mm deep (1.2 in × 0.6 in)
•
Available in 2 lengths to fit existing parts bin sizes and configurations
•
Easy DIP-switch adjustments: PNP/NPN output, normally open/normally closed operation, solid/flashing job
light, and gate polarity for job light activation
•
Two LEDs indicate power ON and output ON
•
Choose 2 m (6.5 ft) unterminated cable or 2 m (6.5 ft) cable with 5-pin Euro-style quick-disconnect
connector
•
Heavy-duty protective brackets available
•
12 V dc to 30 V dc operation
WARNING: Not To Be Used for Personnel Protection
Never use this device as a sensing device for personnel protection. Doing so could lead to serious injury or
death. This device does not include the self-checking redundant circuitry necessary to allow its use in personnel safety
applications. A sensor failure or malfunction can cause either an energized or de-energized sensor output condition.
Models
Models 1
Range
Array
Sensing Beam
Supply Voltage
Output
PVD100
Retroreflective Mode: up to 2 m (6.5 ft)
Diffuse Mode: up to 400 mm (15.7 in)
All models may be used in either sensing
mode.
100 mm (4 in) long, 4
beams
Visible red, 630 nm
12 V to 30 V dc
User-selectable
NPN/PNP
PVD100Q
PVD225
225 mm (9 in) long, 8
beams
PVD225Q
Overview
The PVD Series Parts Verification Sensor is a one-component, easy-to-use light screen suited to many part assembly, bin picking (pick-to-
light), and error-proofing applications. The PVD increases task efficiency due to simplified job training, increased quality control (no skipped
components), and reduced rework and inspections. It speeds the resumption of work after breaks and other distractions, and is ideal for
multilingual workplaces where communication is an issue.
The PVD self-contained, solid-state emitter/receiver array is capable of functioning in either diffuse or retroreflective sensing mode. No
configuration is required for this selection. If a retroreflective target is installed opposite the sensor, it will function in retroreflective mode. If
not, it will function in diffuse mode. The sensor’s ongoing self-adjustment feature requires no user adjustment; the sensor adapts to the
sensing conditions after 15 seconds when blocked. Sensor range decreases when no retroreflector is installed.
The DIP-switch-selectable PNP/NPN output interfaces to a system controller, which is pre-programmed for a specific sequence of tasks.
Mounted with its visible red beams stretching across each parts bin, the sensor job light signals the assembler which bins contain items to
be picked in a given operation and in what order they should be picked.
As the assembler takes a part in sequence and breaks the beam, the sensor senses that the part was removed and it sends an output signal
to the controller. The controller then verifies if the correct part was taken and may respond by turning that job light OFF, activating the job
light of the next bin in the sequence. If the assembler reaches into a bin out of sequence, the PVD turns on its output to signal the system
controller and turns on its red job light to signal the assembler that an incorrect pick has occurred.
Standard configuration options are selected by means of a bank of four DIP switches behind a press-on black rubber cover. DIP switch
options include: PNP or NPN output, Normally Open or Normally Closed operation, steady or flashing job light, and job light control input.
1
•
To order the 9 m (30 ft) cable model, add the suffix "W/30" to the cabled model number. For example, PVD100 W/30.
•
To order the 150 mm (6 in) cable model with a quick disconnect, add the suffix "W/6IN" to the cabled model number. For example,
PVD100Q W/6IN.
•
Models with a quick disconnect require a mating cordset.
PVD Series Parts Verification Sensor
Original Document
113230 Rev. G
4 August 2016
113230


Similar Part No. - PVD

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
PVD-1010 PMI-PVD-1010 Datasheet
69Kb / 2P
SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PVD-102 PMI-PVD-102 Datasheet
69Kb / 2P
SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PVD-1020 PMI-PVD-1020 Datasheet
69Kb / 2P
SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PVD-1030 PMI-PVD-1030 Datasheet
69Kb / 2P
SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
PVD-105 PMI-PVD-105 Datasheet
69Kb / 2P
SHROUDED SPLIT BOBBIN HIGH ISOLATION POWER TRANSFORMERS
More results

Similar Description - PVD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B44031 EPCOS-B44031 Datasheet
59Kb / 1P
Mounting Parts
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
MOLDED PARTS
QCB QUALTEK-QCB Datasheet
502Kb / 1P
MOLDED PARTS
QMR QUALTEK-QMR Datasheet
617Kb / 1P
MOLDED PARTS
logo
Rosenberger Hochfrequen...
02CK050-150 ROSENBERGER-02CK050-150 Datasheet
664Kb / 3P
Verification Kit
03CK050-150 ROSENBERGER-03CK050-150 Datasheet
147Kb / 3P
RPC-3.50 Verification Kit
05CK050-150 ROSENBERGER-05CK050-150 Datasheet
147Kb / 3P
Verification Kit
logo
Pulse A Technitrol Comp...
BAHEXNUT PULSE-BAHEXNUT Datasheet
3Mb / 4P
PARTS/ACCESSORIES
logo
Banner Engineering Corp...
PVL BANNER-PVL Datasheet
337Kb / 4P
PVL Parts Verification Array
PVL BANNER-PVL_V01 Datasheet
1Mb / 2P
PVL Parts Verification Array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com