Electronic Components Datasheet Search
  English  ▼

X  

BC847E Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # BC847E
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC847E Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  BC847E Datasheet HTML 1Page - First Silicon Co., Ltd BC847E Datasheet HTML 2Page - First Silicon Co., Ltd BC847E Datasheet HTML 3Page - First Silicon Co., Ltd BC847E Datasheet HTML 4Page - First Silicon Co., Ltd BC847E Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Figure 5. Normalized Thermal Response
0.00001
0.0001
0.001
0.01
0.1
1.0
10
100
1000
0.001
0.01
0.1
1.0
t, TIME (s)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 6. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
0
2
10
0
.
1
6
.
0
4
.
0
1.0
2.0
6.0
40
7.0
5.0
3.0
2.0
0.8
4.0
TA = 25°C
Cob
Cib
Figure 7. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
80
100
200
300
400
60
20
40
30
0
2
0
1
0
.
1
7
.
0
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
2009. 11. 09
4/5
Revision No : 0
BC847E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com