Electronic Components Datasheet Search
  English  ▼

X  

BC847E Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # BC847E
Description  General Purpose Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BC847E Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  BC847E Datasheet HTML 1Page - First Silicon Co., Ltd BC847E Datasheet HTML 2Page - First Silicon Co., Ltd BC847E Datasheet HTML 3Page - First Silicon Co., Ltd BC847E Datasheet HTML 4Page - First Silicon Co., Ltd BC847E Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
These transistors are designed for general purpose amplifier
Features
• Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25 C)
Rating
Symbol
Max
Unit
Collector
−Emitter Voltage
VCEO
45
V
Collector
−Base Voltage
VCBO
50
V
Emitter−Base Voltage
VEBO
6.0
V
Collector Curren
t − Continuous
IC
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation,
FR
−4 Board (Note 1)
TA = 25 C
Derated above 25 C
PD
200
1.6
mW
mW/ C
Thermal Resistance,
Junction
−to−Ambient (Note 1)
R JA
600
C/W
Total Device Dissipation,
FR
−4 Board (Note 2)
TA = 25 C
Derated above 25 C
PD
300
2.4
mW
mW/ C
Thermal Resistance,
Junction
−to−Ambient (Note 2)
R JA
400
C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to
+150
C
1. FR
−4 @ min pad.
2. FR
−4 @ 1.0 ×1.0 in pad.
2
EMITTER
3
COLL
ECTOR
1
BASE
General Purpose Transistors
NPN Silicon
applications. They are housed in the S
C−89 package which
ORDERING INFORMATION
Device
Marking
Package
Shipping†
BC847EAT1G
1E
SC−89
3,000 / Tape & Reel
BC847EBT1G
1F
3,000 / Tape & Reel
BC847ECT1G
1G
3,000 / Tape & Reel
is designed
for low power surface mount applications.
SC−89
SC−89
1
3
2
SC-89
SEMICONDUCTOR
TECHNICAL DATA
BC847E
2009. 11. 09
1/5
Revision No : 0


Similar Part No. - BC847E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847 PHILIPS-BC847 Datasheet
80Kb / 10P
NPN general purpose transistors
2004 Feb 06
logo
STMicroelectronics
BC847 STMICROELECTRONICS-BC847 Datasheet
39Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Oct-1997
logo
Fairchild Semiconductor
BC847 FAIRCHILD-BC847 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC847 GE-BC847 Datasheet
301Kb / 6P
Small Signal Transistors (NPN)
logo
KEC(Korea Electronics)
BC847 KEC-BC847 Datasheet
249Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results

Similar Description - BC847E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
General Purpose Transistors
March, 2007 ??Rev. 3
logo
SeCoS Halbleitertechnol...
EMX1 SECOS-EMX1 Datasheet
516Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
General Purpose Transistors
October, 2009 ??Rev. 9
logo
WILLAS ELECTRONIC CORP
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
General Purpose Transistors
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
General Purpose Transistors
logo
First Silicon Co., Ltd
BC807S FS-BC807S Datasheet
107Kb / 3P
General Purpose Transistors
logo
ON Semiconductor
BCH807-16L ONSEMI-BCH807-16L Datasheet
208Kb / 11P
General Purpose Transistors
February, 2020 ??Rev. 0
logo
Shanghai Leiditech Elec...
L9012PLT1G LEIDITECH-L9012PLT1G Datasheet
273Kb / 2P
General Purpose Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com