Electronic Components Datasheet Search
  English  ▼

X  

LT1817 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1817
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1817 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1817 Datasheet HTML 3Page - Linear Technology LT1817 Datasheet HTML 4Page - Linear Technology LT1817 Datasheet HTML 5Page - Linear Technology LT1817 Datasheet HTML 6Page - Linear Technology LT1817 Datasheet HTML 7Page - Linear Technology LT1817 Datasheet HTML 8Page - Linear Technology LT1817 Datasheet HTML 9Page - Linear Technology LT1817 Datasheet HTML 10Page - Linear Technology LT1817 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1815
LT1816/LT1817
181567fa
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Differential inputs of
±6V are appropriate for transient operation
only, such as during slewing. Large sustained differential inputs can cause
excessive power dissipation and may damage the part.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: Input offset voltage is pulse tested and is exclusive of warm-up
drift.
Note 5: Slew rate is measured between
±2V at the output with ±3V input
for
±5V supplies and 2VP-P at the output with a 3VP-P input for single 5V
supplies.
Note 6: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/2
πVP.
Note 7: This parameter is not 100% tested.
Note 8: The LT1815C/LT1816C/LT1817C are guaranteed to meet specified
performance from 0
°C to 70°C and are designed, characterized and
expected to meet the extended temperature limits, but are not tested at
–40
°C and 85°C. The LT1815I/LT1816I/LT1817I are guaranteed to meet
the extended temperature limits.
Note 9: Thermal resistance (
θJA) varies with the amount of PC board metal
connected to the package. The specified values are for short traces
connected to the leads. If desired, the thermal resistance can be
substantially reduced by connecting Pin 2 of the SOT-23, Pin 4 of the
SO-8 and MS8, Pin 5 of the MS10 or the underside metal of the DD
package to a large metal area.
Note 10: A resistor of 40k or less is required between the ISET and V– pins
of the LT1815S6 and the LT1816AMS. See the applications section for
information on selecting a suitable resistor.
TYPICAL PERFOR A CE CHARACTERISTICS
Input Common Mode Range
vs Supply Voltage
Input Bias Current
vs Common Mode Voltage
Supply Current vs Temperature
TEMPERATURE (
°C)
–50
–25
0
4
12
10
0
50
75
181567 G01
2
8
6
25
100
125
VS = ±5V
VS = ±2.5V
PER AMPLIFIER
SUPPLY VOLTAGE (
± V)
0
V –
1.0
1.5
2.0
V +
– 2.0
–1.5
2
4
5
181567 G02
0.5
–1.0
– 0.5
1
3
6
7
TA = 25°C
∆VOS < 1mV
INPUT COMMON MODE VOLTAGE (V)
– 5.0
–2
–1
TA = 25°C
VS = ± 5V
5.0
181567 G03
–3
–4
– 2.5
0
2.5
0
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISET
ISET Pin Current (Note 10)
LT1815S6/LT1816A
–150
– 100
µA
TA = 0°C to 70°C
q
–175
µA
TA = – 40°C to 85°C
q
–200
µA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 8). VS = 5V, 0V; VCM = 2.5V, RL to 2.5V unless otherwise noted.
For the programmable current option (LT1815S6 or LT1816A), the ISET pin must be connected to V – through 75Ω or less, unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com