Electronic Components Datasheet Search
  English  ▼

X  

LT1817 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1817
Description  Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1817 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1817 Datasheet HTML 2Page - Linear Technology LT1817 Datasheet HTML 3Page - Linear Technology LT1817 Datasheet HTML 4Page - Linear Technology LT1817 Datasheet HTML 5Page - Linear Technology LT1817 Datasheet HTML 6Page - Linear Technology LT1817 Datasheet HTML 7Page - Linear Technology LT1817 Datasheet HTML 8Page - Linear Technology LT1817 Datasheet HTML 9Page - Linear Technology LT1817 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1815
LT1816/LT1817
181567fa
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 8). VS = 5V, 0V; VCM = 2.5V, RL to 2.5V unless otherwise noted.
For the programmable current option (LT1815S6 or LT1816A), the ISET pin must be connected to V– through 75Ω or less, unless
otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Maximum Output Swing (Low)
RL = 500Ω, 30mV Overdrive
0.8
1.1
V
TA = 0°C to 70°C
q
1.2
V
TA = – 40°C to 85°C
q
1.3
V
RL = 100Ω, 30mV Overdrive
1
1.3
V
TA = 0°C to 70°C
q
1.4
V
TA = – 40°C to 85°C
q
1.5
V
IOUT
Maximum Output Current
VOUT = 1.5V or 3.5V, 30mV Overdrive
±30
±50
mA
TA = 0°C to 70°C
q
±25
mA
TA = – 40°C to 85°C
q
±20
mA
Maximum Output Current
LT1815S6/LT1816A; 40k
Ω Between ISET and V–;
(Low Power Mode) (Note 10)
VOUT = 1.5V or 3.5V, 30mV Overdrive
±30
±50
mA
TA = 0°C to 70°C
q
±25
mA
TA = –40°C to 85°C
q
±20
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive (Note 3)
±80
±140
mA
TA = 0°C to 70°C
q
±70
mA
TA = –40°C to 85°C
q
±50
mA
SR
Slew Rate
AV = –1 (Note 5)
450
750
V/
µs
TA = 0°C to 70°C
q
375
V/
µs
TA = – 40°C to 85°C
q
300
V/
µs
FPBW
Full-Power Bandwidth
2VP-P (Note 6)
120
MHz
GBW
Gain-Bandwidth Product
f = 200kHz, RL = 500Ω, LT1815
140
200
MHz
TA = 0°C to 70°C
q
130
MHz
TA = – 40°C to 85°C
q
120
MHz
f = 200kHz, RL = 500Ω, LT1816/LT1817
130
200
MHz
TA = 0°C to 70°C
q
110
MHz
TA = – 40°C to 85°C
q
100
MHz
Gain-Bandwidth Product
LT1815S6/LT1816A; 40k
Ω Between ISET and V–;
(Low Power Mode) (Note 10)
f = 200kHz, RL = 500Ω
30
50
MHz
TA = 0°C to 70°C
q
25
MHz
TA = – 40°C to 85°C
q
20
MHz
–3dB BW –3dB Bandwidth
AV = 1, RL = 500Ω
300
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
1.2
ns
tPD
Propagation Delay
AV = 1, 50% to 50%, 0.1V, RL = 100Ω
1.5
ns
OS
Overshoot
AV = 1, 0.1V; RL = 100Ω
25
%
tS
Settling Time
AV = – 1, 0.1%, 2V
15
ns
THD
Total Harmonic Distortion
AV = 2, f = 5MHz, VOUT = 2VP-P, RL = 500Ω
–65
dB
dG
Differential Gain
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.08
%
dP
Differential Phase
AV = 2, VOUT = 2VP-P, RL = 150Ω
0.13
Deg
ROUT
Output Resistance
AV = 1, f = 1MHz
0.24
Ω
IS
Supply Current
LT1815
6.3
8
mA
TA = 0°C to 70°C
q
10
mA
TA = – 40°C to 85°C
q
11
mA
LT1816/LT1817, per Amplifier
6.3
9
mA
TA = 0°C to 70°C
q
12
mA
TA = – 40°C to 85°C
q
13
mA
Supply Current (Low Power Mode)
LT1815S6/LT1816A, 40k
Ω Between ISET and V–,
(Note 10)
per Amplifier
0.9
1.5
mA
TA = 0°C to 70°C
q
1.8
mA
TA = – 40°C to 85°C
q
2.0
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com